Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6204 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6204
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6204 Datasheet(HTML) 4 Page - STMicroelectronics

  L6204 Datasheet HTML 1Page - STMicroelectronics L6204 Datasheet HTML 2Page - STMicroelectronics L6204 Datasheet HTML 3Page - STMicroelectronics L6204 Datasheet HTML 4Page - STMicroelectronics L6204 Datasheet HTML 5Page - STMicroelectronics L6204 Datasheet HTML 6Page - STMicroelectronics L6204 Datasheet HTML 7Page - STMicroelectronics L6204 Datasheet HTML 8Page - STMicroelectronics L6204 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CIRCUIT DESCRIPTION
L6204 is a dual full bridge IC designed to drive
DC motors, stepper motors and other inductive
loads. Each bridge has 4 power DMOS transistor
with RDSon = 1.2
Ω and the relative protection and
control circuitry. (see fig. 3)
The 4 half bridges can be controlled independently
by means of the 4 inputs IN!, IN2, IN3, IN4 and 2
enable inputs ENABLE1 and ENABLE2.
External connections are provided so that sensing
resistors can be added for constant current chop-
per applications.
LOGIC DRIVE (*)
INPUTS
OUTPUT MOSFETS
EN1=EN2=H
IN1
IN3
IN2
IN4
L
L
H
H
L
H
L
H
Sink 1, Sink 2
Sink 1, Source 2
Source 1, Sink 2
Source 1, Source 2
EN1=EN2=L
X
X
All transistor turned
OFF
L = Low
H = High
X = Don’t care
(*) True table for the two full bridges
CROSS CONDUCTION
Although the device guarantees the absence of
cross-conduction, the presence of the intrinsic di-
odes in the POWER DMOS structure causes the
generation of current spikes on the sensing termi-
nals. This is due to charge-discharge phenomena
in the capacitors C1 & C2 associated with the
drain source junctions (fig. 1). When the output
switches from high to low, a current spike is gen-
erated associated with the capacitor C1. On the
low-to-high transition a spike of the same polarity
is generated by C2, preceded by a spike of the
opposite polarity due to the charging of the input
capacity of the lower POWER DMOS transistor
(see fig. 2).
TRANSISTOR OPERATION
ON STATE
When one of the POWER DMOS transistors is ON
it can be considered as a resistor RDS(ON) = 1.2
Ω at
a junction temperature of 25
°C.
In this condition the dissipated power is given by :
PON =RDS(ON)
⋅ IDS2
The low RDS(ON) of the Multipower-BCD process
can provide high currents with low power dissipa-
tion.
OFF STATE
When one of the POWER DMOS transistor is
OFF the VDS voltage is equal to the supply volt-
age and only the leakage current IDSS flows. The
power dissipation during this period is given by :
POFF =VS
⋅ IDSS
TRANSITIONS
Like all MOS power transistors the DMOS
POWER transistors have as intrinsic diode be-
tween their source and drain that can operate as
a fast freewheeling diode in switched mode appli-
cations. During recirculation with the ENABLE in-
put high, the voltage drop across the transistor is
RDS(ON)
. ID and when the voltage reaches the di-
ode voltage it is clamped to its characteristic.
When the ENABLE input is low, the POWER
MOS is OFF and the diode carries all of the recir-
culation current. The power dissipated in the tran-
sitional times in the cycle depends upon the volt-
age and current waveforms in the application.
Ptrans. =IDS(t)
⋅ VDS(t)
BOOTSTRAP CAPACITORS
To ensure the correct driving of high side drivers
Figure 2: Current Typical Spikes on the Sensing Pin
Figure 1: Intrinsic Structures in the POWER
MOS Transistors
L6204
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com