Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6204 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6204
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6204 Datasheet(HTML) 2 Page - STMicroelectronics

  L6204 Datasheet HTML 1Page - STMicroelectronics L6204 Datasheet HTML 2Page - STMicroelectronics L6204 Datasheet HTML 3Page - STMicroelectronics L6204 Datasheet HTML 4Page - STMicroelectronics L6204 Datasheet HTML 5Page - STMicroelectronics L6204 Datasheet HTML 6Page - STMicroelectronics L6204 Datasheet HTML 7Page - STMicroelectronics L6204 Datasheet HTML 8Page - STMicroelectronics L6204 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PIN FUNCTIONS
SO
Pin
(*)
DIP
Pin
Symbols
Fun ctions
1
2
3
6
7
8
9
12
13
14
15
16
17
20
21
22
23
26
27
28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
SENSE 1
IN1
ENABLE 1
OUT 1
GND
GND
OUT 3
ENABLE 2
IN 3
SENSE 2
BOOSTRAP OSC. VCP
IN 4
OUT 4
VS2
GND
GND
VS1
OUT 2
IN 2
VBOOT
Sense resistor to provide the feedback for motor current control of the bridge A
Digital input from the motor controller (bridge A)
A logic level low on this pin disable the bridge A
Output of one half bridge of the bridge A
Common Power Ground
Common Power Ground
Ouput of one half bridge of the bridge B
A logic level low on this pin disable the bridge B
Digital input from the motor controller (bridge B)
Sense resistor to provide the feedback for motor current control of the bridge B
Oscillator output for the external charge pump
Digital input from the motor controller (bridge B)
Output of one half bridge of the bridge B
Supply voltage bridge B
Common Power Ground
Common Power Ground
Supply Voltage bridge A
Output of one half bridge of the bridge A
Digital input from the motor controller (bridge A)
Overvoltage input for driving of the upper DMOS
(*) For SO package the pins 4, 5, 10, 11, 18, 19, 24 and 25 are not connected.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Test Conditions
Unit
VS
Supply Voltage
50
V
VIN, VEN
Input or Enable Voltage Range
-0.3 to +7
V
Io
Pulsed Output Current
3
A
VSENSE
Sensing Voltage
-1 to 4
V
VBOOT
Bootstrap Supply
60
V
Ptot
Total power dissipation: (Tpins =80
°C)
Total power dissipation: (Tamb =70
°C no copper area on PCB)
Total power dissipation: (Tamb =70
°C 8cm2 copper area on PCB)
5
1.23
2
W
W
W
Tstg,Tj
Storage and Junction Temperature
-40 to 150
°C
PIN CONNECTIONS (Top view)
POWERDIP
SO24+2+2
L6204
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com