Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD708 Datasheet(PDF) 7 Page - Analog Devices

Part # AD708
Description  Ultralow Offset Voltage Dual Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD708 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD708 Datasheet HTML 3Page - Analog Devices AD708 Datasheet HTML 4Page - Analog Devices AD708 Datasheet HTML 5Page - Analog Devices AD708 Datasheet HTML 6Page - Analog Devices AD708 Datasheet HTML 7Page - Analog Devices AD708 Datasheet HTML 8Page - Analog Devices AD708 Datasheet HTML 9Page - Analog Devices AD708 Datasheet HTML 10Page - Analog Devices AD708 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD708
Rev. C | Page 7 of 16
40
0
10
20
30
35
5
15
25
0
1
10
100
DIFFERENTIAL VOLTAGE (±V)
Figure 8. Input Bias Current vs. Differential Input Voltage
45
40
0
10
20
30
35
5
15
25
0.1
1
10
100
FREQUENCY (Hz)
1/F CORNER
0.7Hz
Figure 9. Input Noise Spectral Density
TIME (1s/DIV)
1s
Figure 10. 0.1 Hz to 10 Hz Voltage Noise
16
14
12
10
8
6
4
2
0
–60
140
120
100
80
60
40
20
0
–20
–40
TEMPERATURE (°C)
VOUT = ±10V
RL = 10kΩ
RL = 2kΩ
Figure 11. Open-Loop Gain vs. Temperature
16
14
12
10
8
6
4
2
0
02
20
15
10
5
SUPPLY VOLTAGE (V)
5
RLOAD = 2kΩ
Figure 12. Open-Loop Gain vs. Supply Voltage
140
120
0
30
60
90
120
150
180
100
80
60
40
20
0
–20
10M
1M
100k
10k
1k
100
10
1
0.1
0.01
FREQUENCY (Hz)
PHASE
MARGIN = 43°
GAIN
RL = 2kΩ
CL = 1000pF
Figure 13. Open-Loop Gain and Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com