Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD708 Datasheet(PDF) 3 Page - Analog Devices

Part # AD708
Description  Ultralow Offset Voltage Dual Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD708 Datasheet(HTML) 3 Page - Analog Devices

  AD708 Datasheet HTML 1Page - Analog Devices AD708 Datasheet HTML 2Page - Analog Devices AD708 Datasheet HTML 3Page - Analog Devices AD708 Datasheet HTML 4Page - Analog Devices AD708 Datasheet HTML 5Page - Analog Devices AD708 Datasheet HTML 6Page - Analog Devices AD708 Datasheet HTML 7Page - Analog Devices AD708 Datasheet HTML 8Page - Analog Devices AD708 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD708
Rev. C | Page 3 of 16
SPECIFICATIONS
@ 25°C and ±15 V dc, unless otherwise noted.
Table 1.
AD708J/AD708A
AD708B
AD708S
Parameter
Conditions
Min1
Typ
Max1
Min1
Typ
Max1
Min1
Typ
Max1
Unit
INPUT OFFSET VOLTAGE2
30
100
5
50
5
30
μV
TMIN to TMAX
50
150
15
65
15
50
μV
Drift
0.3
1.0
0.1
0.4
0.1
0.3
μV/°C
Long Term Stability
0.3
0.3
0.3
μV/month
INPUT BIAS CURRENT
1.0
2.5
0.5
1.0
0.5
1
nA
TMIN to TMAX
2.0
4.0
1.0
2.0
1.0
4
nA
Average Drift
15
40
10
25
10
30
pA/°C
OFFSET CURRENT
VCM = 0 V
0.5
2.0
0.1
1.0
0.1
1
nA
TMIN to TMAX
2.0
4.0
0.2
1.5
0.2
1.5
nA
Average Drift
2
60
1
25
1
25
pA/°C
MATCHING CHARACTERISTICS3
Offset Voltage
80
50
30
μV
TMIN to TMAX
150
75
50
μV
Offset Voltage Drift
1.0
0.4
0.3
μV/°C
Input Bias Current
4.0
1.0
1.0
nA
TMIN to TMAX
5.0
2.0
2.0
nA
Common-Mode Rejection
120
140
130
140
130
140
dB
TMIN to TMAX
110
130
130
dB
Power Supply Rejection
110
120
120
dB
TMIN to TMAX
110
120
120
dB
Channel Separation
135
140
140
dB
INPUT VOLTAGE NOISE
0.1 Hz to 10 Hz
0.23
0.6
0.23
0.6
0.23
0.35
μV p-p
f = 10 Hz
10.3
18
10.3
12
10.3
12
nV/√Hz
f = 100 Hz
10.0
13.0
10.0
11.0
10.0
11
nV/√Hz
f = 1 kHz
9.6
11.0
9.6
11.0
9.6
11
nV/√Hz
INPUT CURRENT NOISE
0.1 Hz to 10 Hz
14
35
14
35
14
35
pA p-p
f = 10 Hz
0.32
0.9
0.32
0.8
0.32
0.8
pA/√Hz
f = 100 Hz
0.14
0.27
0.14
0.23
0.14
0.23
pA/√Hz
f = 1 kHz
0.12
0.18
0.12
0.17
0.12
0.17
pA/√Hz
COMMON-MODE REJECTION RATIO
VCM = ±13 V
120
140
130
140
130
140
dB
TMIN to TMAX
120
140
130
140
130
140
dB
OPEN-LOOP GAIN
VO = ±10 V
RLOAD ≥ 2 kΩ
3
10
5
10
4
10
V/μV
TMIN to TMAX
3
10
5
10
4
7
V/μV
POWER SUPPLY REJECTION RATIO
VS = ±3 V to ±18 V
110
130
120
130
120
130
dB
TMIN to TMAX
110
130
120
130
120
130
dB
FREQUENCY RESPONSE
Closed-Loop Bandwidth
0.5
0.9
0.5
0.9
0.5
0.9
MHz
Slew Rate
0.15
0.3
0.15
0.3
0.15
0.3
V/μs
INPUT RESISTANCE
Differential
60
200
200
Common Mode
200
400
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com