Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD708 Datasheet(PDF) 8 Page - Analog Devices

Part # AD708
Description  Ultralow Offset Voltage Dual Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD708 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD708 Datasheet HTML 4Page - Analog Devices AD708 Datasheet HTML 5Page - Analog Devices AD708 Datasheet HTML 6Page - Analog Devices AD708 Datasheet HTML 7Page - Analog Devices AD708 Datasheet HTML 8Page - Analog Devices AD708 Datasheet HTML 9Page - Analog Devices AD708 Datasheet HTML 10Page - Analog Devices AD708 Datasheet HTML 11Page - Analog Devices AD708 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD708
Rev. C | Page 8 of 16
160
140
120
100
80
60
40
20
0
0.1
1M
100k
10k
1k
100
10
1
FREQUENCY (Hz)
Figure 14. Common-Mode Rejection vs. Frequency
35
30
25
20
15
10
5
0
1k
1M
100k
10k
FREQUENCY (Hz)
FMAX = 2.8kHz
RL = 2kΩ
25°C
VS = ±15V
Figure 15. Large Signal Frequency Response
160
140
120
100
80
60
40
20
0
0.001
0.01
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 16. Power Supply Rejection vs. Frequency
TIME (2µs/DIV)
2mV/DIV
CH1
Figure 17. Small Signal Transient Response; AV = +1, RL = 2 kΩ, CL = 50 pF
TIME (2µs/DIV)
2mV/DIV
CH1
Figure 18. Small Signal Transient Response; AV = +1, RL = 2 kΩ, CL = 1000 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com