Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1623000000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1623000000
Description  BLL 5.08/08/90 3.2 SN OR BX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1623000000 Datasheet(HTML) 2 Page - Weidmuller

  1623000000 Datasheet HTML 1Page - Weidmuller 1623000000 Datasheet HTML 2Page - Weidmuller 1623000000 Datasheet HTML 3Page - Weidmuller 1623000000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data sheet
BLL 5.08/08/90 3.2 SN OR BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Approvals
 
Approvals
ROHS
Conform
UL File Number Search
UL Website
Certificate No. (UR)
E60693
 
Dimensions and weights
 
Net weight
7.8 g
 
Environmental Product Compliance
 
RoHS Compliance Status
Compliant without exemption
REACH SVHC
No SVHC above 0.1 wt%
 
System specifications
 
Product family
OMNIMATE Signal - series
BL/SL 5.08
Type of connection
Board connection
Mounting onto the PCB
THT solder connection
Pitch in mm (P)
5.08 mm
Pitch in inches (P)
0.200 "
Outgoing elbow
90°
Number of poles
8
Number of solder pins per pole
2
Solder pin length (l)
3.2 mm
Solder pin length tolerance
+0.1 / -0.3 mm
Solder pin dimensions
0.4 x 1.00 mm
Solder eyelet hole diameter (D)
1.3 mm
Solder eyelet hole diameter tolerance (D)+ 0,1 mm
L1 in mm
35.56 mm
L1 in inches
1.400 "
Number of rows
1
Pin series quantity
1
Touch-safe protection acc. to DIN VDE
57 106
Safe from back-of-hand
touch
Touch-safe protection acc. to DIN VDE
0470
IP20 plugged
Protection degree
IP20
Volume resistance
≤5 mΩ
Can be coded
Yes
Plugging cycles
25
Plugging force/pole, max.
5 N
Pulling force/pole, max.
5 N
 
Material data
 
Insulating material
PBT GF
Colour
orange
Colour chart (similar)
RAL 2000
Insulating material group
IIIa
Comparative Tracking Index (CTI)
≥ 200
Insulation resistance
108 Ω
Moisture Level (MSL)
UL 94 flammability rating
V-0
Contact material
Copper alloy
Contact surface
tinned
Layer structure of solder connection
4...6 µm Sn hot-dip tinned
Layer structure of plug contact
4...6 µm Sn hot-dip tinned
Storage temperature, min.
-40 °C
Storage temperature, max.
70 °C
Operating temperature, min.
-50 °C
Operating temperature, max.
100 °C
Temperature range, installation, min.
-25 °C
Temperature range, installation, max.
100 °C
 
Rated data acc. to IEC
 
tested acc. to standard
IEC 60664-1, IEC 61984
Rated current, min. number of poles
(Tu=20°C)
23 A
Rated current, max. number of poles
(Tu=20°C)
16 A
Rated current, min. number of poles
(Tu=40°C)
20 A
 
Creation date 02.01.2026 03:46:46 MEZ
 
Catalogue status / Drawings
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com