Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1623000000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1623000000
Description  BLL 5.08/08/90 3.2 SN OR BX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1623000000 Datasheet(HTML) 1 Page - Weidmuller

  1623000000 Datasheet HTML 1Page - Weidmuller 1623000000 Datasheet HTML 2Page - Weidmuller 1623000000 Datasheet HTML 3Page - Weidmuller 1623000000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data sheet
BLL 5.08/08/90 3.2 SN OR BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
Female header for PCB mounting. The solder pin length is
optimised for wave flow soldering.
General ordering data
 
Version
PCB plug-in connector, female header, closed
side, THT solder connection, 5.08 mm, Number of
poles: 8, 90°, Solder pin length (l): 3.2 mm, tinned,
orange, Box
Order No.
1623000000
Type
BLL 5.08/08/90 3.2 SN OR BX
GTIN (EAN)
4008190194055
Qty.
42 items
Product data
IEC: 400 V / 23 A
UL: 300 V / 15 A
Packaging
Box
 
 
Creation date 02.01.2026 03:46:46 MEZ
 
Catalogue status / Drawings
1


Similar Part No. - 1623000000

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1623001 TURCK-1623001 Datasheet
293Kb / 2P
Inductive Sensor – With Extended Temperature Range
11/07/2023
More results

Similar Description - 1623000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1000090001 WEIDMULLER-1000090001 Datasheet
74Kb / 3P
BLF 5.08/08/90 SN BK BX
1000280001 WEIDMULLER-1000280001 Datasheet
77Kb / 3P
BLF 5.08/08/90F SN BK BX
1000470001 WEIDMULLER-1000470001 Datasheet
79Kb / 3P
BLF 5.08/08/90LR SN BK BX
1012710000 WEIDMULLER-1012710000 Datasheet
74Kb / 4P
BLF 5.08/08/180F SN BK BX
1013490000 WEIDMULLER-1013490000 Datasheet
74Kb / 4P
BLF 5.08/08/180 SN BK BX
1014180000 WEIDMULLER-1014180000 Datasheet
77Kb / 4P
BLF 5.08/08/180LR SN BK BX
1014790000 WEIDMULLER-1014790000 Datasheet
64Kb / 4P
BLF 5.08/08/180LH SN BK BX
1981990000 WEIDMULLER-1981990000 Datasheet
72Kb / 3P
BLF 5.08/08/270 SN BK BX
1982180000 WEIDMULLER-1982180000 Datasheet
73Kb / 3P
BLF 5.08/08/270F SN BK BX
1982570000 WEIDMULLER-1982570000 Datasheet
75Kb / 3P
BLF 5.08/08/270LH SN BK BX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com