Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1623000000 Datasheet(PDF) 3 Page - Weidmuller

Part # 1623000000
Description  BLL 5.08/08/90 3.2 SN OR BX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1623000000 Datasheet(HTML) 3 Page - Weidmuller

  1623000000 Datasheet HTML 1Page - Weidmuller 1623000000 Datasheet HTML 2Page - Weidmuller 1623000000 Datasheet HTML 3Page - Weidmuller 1623000000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data sheet
BLL 5.08/08/90 3.2 SN OR BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Rated current, max. number of poles
(Tu=40°C)
14 A
Rated voltage for surge voltage class /
pollution degree II/2
400 V
Rated voltage for surge voltage class /
pollution degree III/2
320 V
Rated voltage for surge voltage class /
pollution degree III/3
250 V
Rated impulse voltage for surge voltage
class/ pollution degree II/2
4 V
Rated impulse voltage for surge voltage
class/ pollution degree III/2
4 kV
Rated impulse voltage for surge voltage
class/ contamination degree III/3
4 kV
Short-time withstand current resistance 3 x 1s with 120 A
 
Rated data acc. to CSA
 
Institute (CSA)
CSA
Certificate No. (CSA)
200039-1121690
Rated voltage (Use group B / CSA)
300 V
Rated voltage (Use group D / CSA)
300 V
Rated current (Use group B / CSA)
15 A
Rated current (Use group D / CSA)
10 A
Reference to approval values
Specifications are
maximum values, details -
see approval certificate.
 
Rated data acc. to UL 1059
 
Institute (UR)
UR
Certificate No. (UR)
E60693
Rated voltage (Use group B / UL 1059) 300 V
Rated voltage (Use group D / UL 1059) 300 V
Rated current (Use group B / UL 1059) 15 A
Rated current (Use group D / UL 1059) 10 A
Reference to approval values
Specifications are
maximum values, details -
see approval certificate.
 
Packing
 
Packaging
Box
VPE length
349.00 mm
VPE width
135.00 mm
VPE height
32.00 mm
 
Important note
 
IPC conformity
Conformity: The products are developed, manufactured and delivered according international
recognized standards and norms and comply with the assured properties in the data sheet resp.
fulfill decorative properties in accordance with IPC-A-610 "Class 2". Further claims on the products
can be evaluated on request.
Notes
• Additional variants on request
• Gold-plated contact surfaces on request
• Rated current related to rated cross-section & min. No. of poles.
• P on drawing = pitch
• Rated data refer only to the component itself. Clearance and creepage distances to other
components are to be designed in accordance with the relevant application standards.
• In accordance with IEC 61984, OMNIMATE-connectors are connectors without breaking
capacity (COC). During designated use, connectors are not allowed to be engaged or
disengaged when live or under load
• Long term storage of the product with average temperature of 50 °C and maximum humidity
70%, 36 months
 
Classifications
 
ETIM 8.0
EC002637
ETIM 9.0
EC002637
ETIM 10.0
EC002637
ECLASS 14.0
27-46-02-01
ECLASS 15.0
27-46-02-01
 
 
Creation date 02.01.2026 03:46:46 MEZ
 
Catalogue status / Drawings
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com