Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD627ARZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD627ARZ-R7
Description  Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD627ARZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD627ARZ-R7 Datasheet HTML 7Page - Analog Devices AD627ARZ-R7 Datasheet HTML 8Page - Analog Devices AD627ARZ-R7 Datasheet HTML 9Page - Analog Devices AD627ARZ-R7 Datasheet HTML 10Page - Analog Devices AD627ARZ-R7 Datasheet HTML 11Page - Analog Devices AD627ARZ-R7 Datasheet HTML 12Page - Analog Devices AD627ARZ-R7 Datasheet HTML 13Page - Analog Devices AD627ARZ-R7 Datasheet HTML 14Page - Analog Devices AD627ARZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD627
Rev. D | Page 11 of 24
GAIN (V/V)
10
0.1
51k
OUTPUT PULSE (V)
400
200
0
0
±10
±2
±4
±6
±8
300
100
1
100
10
Figure 17. Settling Time to 0.01% vs. Gain for a 5 V Step at Output, RL = 20 kΩ,
CL = 100 pF, VS = ±5 V
1V
1mV
50µs
Figure 18. Large Signal Pulse Response and Settling Time, G = –5, RL = 20 kΩ,
CL = 100 pF (1.5 mV = 0.01%)
1V
1mV
50µs
Figure 19. Large Signal Pulse Response and Settling Time, G = −10,
RL = 20 kΩ, CL = 100 pF (1.0 mV = 0.01%)
Figure 20. Settling Time to 0.01% vs. Output Swing, G = +5, RL = 20 kΩ,
CL = 100 pF
200µV
1V
100µs
Figure 21. Large Signal Pulse Response and Settling Time, G = –100,
RL = 20 kΩ, CL = 100 pF (100 μV = 0.01%)
200µV
1V
500µs
Figure 22. Large Signal Pulse Response and Settling Time, G = –1000,
RL = 20 kΩ, CL = 100 pF (10 μV = 0.01%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com