Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD627ARZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # AD627ARZ-R7
Description  Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD627ARZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD627ARZ-R7 Datasheet HTML 15Page - Analog Devices AD627ARZ-R7 Datasheet HTML 16Page - Analog Devices AD627ARZ-R7 Datasheet HTML 17Page - Analog Devices AD627ARZ-R7 Datasheet HTML 18Page - Analog Devices AD627ARZ-R7 Datasheet HTML 19Page - Analog Devices AD627ARZ-R7 Datasheet HTML 20Page - Analog Devices AD627ARZ-R7 Datasheet HTML 21Page - Analog Devices AD627ARZ-R7 Datasheet HTML 22Page - Analog Devices AD627ARZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD627
Rev. D | Page 19 of 24
ERRORS DUE TO AC CMRR
In Table 9, the error due to common-mode rejection results
from the common-mode voltage from the bridge 2.5 V. The
ac error due to less than ideal common-mode rejection cannot
be calculated without knowing the size of the ac common-mode
voltage (usually interference from 50 Hz/60 Hz mains frequencies).
A mismatch of 0.1% between the four gain setting resistors
determines the low frequency CMRR of a two-op-amp
instrumentation amplifier. The plot in Figure 43 shows the
practical results of resistor mismatch at ambient temperature.
The CMRR of the circuit in Figure 42 (Gain = +11) was
measured using four resistors with a mismatch of nearly 0.1%
(R1 = 9999.5 Ω, R2 = 999.76 Ω, R3 = 1000.2 Ω, R4 = 9997.7 Ω).
As expected, the CMRR at dc was measured at about 84 dB
(calculated value is 85 dB). However, as frequency increases,
CMRR quickly degrades. For example, a 200 mV p-p harmonic
of the mains frequency at 180 Hz would result in an output
voltage of about 800 μV. To put this in context, a 12-bit data
acquisition system, with an input range of 0 V to 2.5 V, has an
LSB weighting of 610 μV.
By contrast, the AD627 uses precision laser trimming of internal
resistors, along with patented CMR trimming, to yield a higher
dc CMRR and a wider bandwidth over which the CMRR is flat
(see Figure 23).
VOUT
+5V
VIN–
VIN+
–5V
R1
9999.5Ω
R2
999.76Ω
R3
1000.2Ω
R4
9997.7Ω
1/2
OP296
A1
A2
1/2
OP296
Figure 42. 0.1% Resistor Mismatch Example
FREQUENCY (Hz)
120
1
110
100
90
80
70
60
50
40
30
20
10
100
1k
10k
100k
Figure 43. CMRR over Frequency of Discrete In-Amp in Figure 42
GROUND RETURNS FOR INPUT BIAS CURRENTS
Input bias currents are dc currents that must flow to bias the
input transistors of an amplifier. They are usually transistor base
currents. When amplifying floating input sources, such as
transformers or ac-coupled sources, there must be a direct dc
path into each input so that the bias current can flow. Figure 44,
Figure 45, and Figure 46 show how to provide a bias current
path for the cases of, respectively, transformer coupling, a
thermocouple application, and capacitive ac-coupling.
In dc-coupled resistive bridge applications, providing this path
is generally not necessary because the bias current simply flows
from the bridge supply through the bridge and into the amplifier.
However, if the impedance that the two inputs see are large, and
differ by a large amount (>10 kΩ), the offset current of the input
stage causes dc errors compatible with the input offset voltage of
the amplifier.
VOUT
TO POWER
SUPPLY
GROUND
RG
–VS
+VS
AD627
7
4
5
8
3
6
1
2
REFERENCE
+INPUT
–INPUT
LOAD
Figure 44. Ground Returns for Bias Currents with Transformer Coupled Inputs
VOUT
TO POWER
SUPPLY
GROUND
RG
–VS
+VS
AD627
7
4
5
8
3
6
1
2
REFERENCE
+INPUT
–INPUT
LOAD
Figure 45. Ground Returns for Bias Currents with Thermocouple Inputs
VOUT
TO POWER
SUPPLY
GROUND
RG
–VS
+VS
AD627
7
4
5
8
3
6
1
2
REFERENCE
+INPUT
–INPUT
100kΩ
LOAD
Figure 46. Ground Returns for Bias Currents with AC-Coupled Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com