Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD627ARZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD627ARZ-R7
Description  Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD627ARZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD627ARZ-R7 Datasheet HTML 10Page - Analog Devices AD627ARZ-R7 Datasheet HTML 11Page - Analog Devices AD627ARZ-R7 Datasheet HTML 12Page - Analog Devices AD627ARZ-R7 Datasheet HTML 13Page - Analog Devices AD627ARZ-R7 Datasheet HTML 14Page - Analog Devices AD627ARZ-R7 Datasheet HTML 15Page - Analog Devices AD627ARZ-R7 Datasheet HTML 16Page - Analog Devices AD627ARZ-R7 Datasheet HTML 17Page - Analog Devices AD627ARZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD627
Rev. D | Page 14 of 24
THEORY OF OPERATION
The AD627 is a true instrumentation amplifier, built using two
feedback loops. Its general properties are similar to those of the
classic two-op-amp instrumentation amplifier configuration but
internally the details are somewhat different. The AD627 uses a
modified current feedback scheme, which, coupled with interstage
feedforward frequency compensation, results in a much better
common-mode rejection ratio (CMRR) at frequencies above
dc (notably the line frequency of 50 Hz to 60 Hz) than might
otherwise be expected of a low power instrumentation amplifier.
In Figure 35, A1 completes a feedback loop that, in conjunction
with V1 and R5, forces a constant collector current in Q1. Assume
that the gain-setting resistor (RG) is not present. Resistors R2
and R1 complete the loop and force the output of A1 to be equal
to the voltage on the inverting terminal with a gain of nearly
1.25. A2 completes a nearly identical feedback loop that forces
a current in Q2 that is nearly identical to that in Q1; A2 also
provides the output voltage. When both loops are balanced, the
gain from the noninverting terminal to VOUT is equal to 5,
whereas the gain from the output of A1 to VOUT is equal to −4.
The inverting terminal gain of A1 (1.25) times the gain of A2
(−4) makes the gain from the inverting and noninverting
terminals equal.
The differential mode gain is equal to 1 + R4/R3, nominally 5,
and is factory trimmed to 0.01% final accuracy. Adding an
external gain setting resistor (RG) increases the gain by an
amount equal to (R4 + R1)/RG. The output voltage of the
AD627 is given by
VOUT = [VIN(+) – VIN(−)] × (5 + 200 kΩ/RG) + VREF
(1)
Laser trims are performed on R1 through R4 to ensure that
their values are as close as possible to the absolute values in the
gain equation. This ensures low gain error and high common-
mode rejection at all practical gains.
RG
EXTERNAL GAIN RESISTOR
REF
–IN
+IN
+VS
–VS
–VS
+VS
R1
100kΩ
R2
25kΩ
R5
200kΩ
R6
200kΩ
R3
25kΩ
2kΩ
2kΩ
0.1V
V1
A2
A1
Q1
Q2
OUTPUT
R4
100kΩ
Figure 35. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com