Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD604ARSZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD604ARSZ
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604ARSZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD604ARSZ Datasheet HTML 3Page - Analog Devices AD604ARSZ Datasheet HTML 4Page - Analog Devices AD604ARSZ Datasheet HTML 5Page - Analog Devices AD604ARSZ Datasheet HTML 6Page - Analog Devices AD604ARSZ Datasheet HTML 7Page - Analog Devices AD604ARSZ Datasheet HTML 8Page - Analog Devices AD604ARSZ Datasheet HTML 9Page - Analog Devices AD604ARSZ Datasheet HTML 10Page - Analog Devices AD604ARSZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD604
Rev. D | Page 7 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, G (preamplifier) = 14 dB, VREF = 2.5 V (20 dB/V scaling), f = 1 MHz, RL = 500 Ω, CL = 5 pF, TA = 25°C, and
VSS = ±5 V.
VGN (V)
50
20
–10
40
30
10
0
0.1
0.5
0.9
1.3
1.7
2.1
2.5
2.9
3 CURVES
–40°C,
+25°C,
+85°C
Figure 3. Gain vs. VGN for Three Temperatures
VGN (V)
60
50
40
30
20
10
0
–10
–20
0.1
0.5
0.9
1.3
1.7
2.1
2.5
2.9
G (PREAMP) = +20dB
(+6dB TO +54dB)
DSX ONLY
(–14dB TO +34dB)
G (PREAMP) = +14dB
(0dB TO +48dB)
Figure 4. Gain vs. VGN for Different Preamplfier Gains
VGN (V)
50
20
–10
40
30
10
0
0.10.50.91.3
1.72.12.52.9
ACTUAL
ACTUAL
20dB/V
VREF = 2.5V
30dB/V
VREF = 1.67V
Figure 5. Gain vs. VGN for Different Gain Scalings
40.0
37.5
32.5
30.0
25.0
20.0
22.5
27.5
35.0
ACTUAL
VREF (V)
1.25
1.50
1.75
2.00
2.25
2.50
THEORETICAL
Figure 6. Gain Scaling vs. VREF
VGN (V)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0.2
0.7
1.2
1.7
2.2
2.7
+25°C
+85°C
–40°C
Figure 7. Gain Error vs. VGN
VGN (V)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0.2
0.7
1.2
1.7
2.2
2.7
FREQ = 5MHz
FREQ = 1MHz
FREQ = 10MHz
Figure 8. Gain Error vs. VGN at Different Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com