Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD604ARSZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD604ARSZ
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604ARSZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD604ARSZ Datasheet HTML 7Page - Analog Devices AD604ARSZ Datasheet HTML 8Page - Analog Devices AD604ARSZ Datasheet HTML 9Page - Analog Devices AD604ARSZ Datasheet HTML 10Page - Analog Devices AD604ARSZ Datasheet HTML 11Page - Analog Devices AD604ARSZ Datasheet HTML 12Page - Analog Devices AD604ARSZ Datasheet HTML 13Page - Analog Devices AD604ARSZ Datasheet HTML 14Page - Analog Devices AD604ARSZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD604
Rev. D | Page 11 of 32
100ns/DIV
2V
–2V
253ns
1.253µs
VO =2Vp-p
VGN = 1.5V
Figure 27. Large Signal Pulse Response
100ns/DIV
200
–200
253ns
1.253µs
VO =200mV p-p
VGN = 1.5V
TRIG'D
Figure 28. Small Signal Pulse Response
10
0%
100
90
2.9V
0V
200ns
500mV
500mV
Figure 29. Power-Up/Power-Down Response
10
0%
100
90
2.9V
0.1V
100ns
500mV
500mV
Figure 30. Gain Response
FREQUENCY (Hz)
–30
–10
–20
–40
–50
–60
0
–70
100k
1M
10M
100M
VGN2 = 0.1V
VGN2 = 1.5V
VGN2 = 2V
VGN2 = 2.9V
VGN1 = 1V
VOUT1 =1V p-p
VIN2 = GND
Figure 31. Crosstalk (Channel 1 to Channel 2) vs. Frequency
FREQUENCY (Hz)
–50
–10
–20
–30
–40
–60
0
100k
1M
10M
100M
VGN = 2.9V
VGN = 2.5V
VGN = 2V
VGN = 0.1V
Figure 32. DSX Common-Mode Rejection Ratio vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com