Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD604ARSZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD604ARSZ
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604ARSZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD604ARSZ Datasheet HTML 5Page - Analog Devices AD604ARSZ Datasheet HTML 6Page - Analog Devices AD604ARSZ Datasheet HTML 7Page - Analog Devices AD604ARSZ Datasheet HTML 8Page - Analog Devices AD604ARSZ Datasheet HTML 9Page - Analog Devices AD604ARSZ Datasheet HTML 10Page - Analog Devices AD604ARSZ Datasheet HTML 11Page - Analog Devices AD604ARSZ Datasheet HTML 12Page - Analog Devices AD604ARSZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD604
Rev. D | Page 9 of 32
VGN (V)
1000
1
0.1
100
10
0.1
0.5
0.9
1.3
1.7
2.1
2.5
2.9
Figure 15. Input Referred Noise vs. VGN
900
850
800
750
700
650
600
TEMPERATURE (°C)
VGN = 2.9V
–40
–20
0
20
40
60
80
90
Figure 16. Input Referred Noise vs. Temperature
FREQUENCY (Hz)
770
745
740
760
765
750
755
VGN = 2.9V
100k
1M
10M
Figure 17. Input Referred Noise vs. Frequency
10
1
0.1
RSOURCE (Ω)
110
100
1k
VGN = 2.9V
RSOURCE ALONE
Figure 18. Input Referred Noise vs. RSOURCE
16
11
1
10k
100
1k
6
15
14
13
12
10
9
8
7
5
3
4
2
10
1
VGN = 2.9V
RSOURCE (Ω)
Figure 19. Noise Figure vs. RSOURCE
VGN (V)
40
20
0
35
30
25
15
10
5
RS = 240Ω
0
0.40.81.21.62.0
2.42.8
Figure 20. Noise Figure vs. VGN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com