Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD604ARSZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD604ARSZ-R7
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604ARSZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD604ARSZ-R7 Datasheet HTML 1Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 2Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 3Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 4Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 5Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 6Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 7Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 8Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD604
Rev. D | Page 5 of 32
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter1, 2
Rating
Supply Voltage ±VS
Pin 17 to Pin 20 (with Pin 16, Pin 22 = 0 V)
±6.5 V
Input Voltages
Pin 1, Pin 2, Pin 11, Pin 12
VPOS/2 ± 2 V
continuous
Pin 4, Pin 9
±2 V
Pin 5, Pin 8
VPOS, VNEG
Pin 6, Pin 7, Pin 13, Pin 14, Pin 23, Pin 24
VPOS, 0 V
Internal Power Dissipation
PDIP (N)
2.2 W
SOIC (RW)
1.7 W
SSOP (RS)
1.1 W
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature, Soldering 60 sec
300°C
θJA3
AD604AN
105°C/W
AD604AR
73°C/W
AD604ARS
112°C/W
θJC3
AD604AN
35°C/W
AD604AR
38°C/W
AD604ARS
34°C/W
1 Pin 1, Pin 2, Pin 11 to Pin 14, Pin 23, and Pin 24 are part of a single-supply
circuit. The part is likely to suffer damage if any of these pins are accidentally
connected to VN.
2 When driven from an external low impedance source.
3 Using MIL-STD-883 test method G43-87 with a 1S (2-layer) test board.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com