Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD604ARSZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD604ARSZ-R7
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604ARSZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD604ARSZ-R7 Datasheet HTML 8Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 9Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 10Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 11Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 12Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 13Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 14Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 15Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD604
Rev. D | Page 12 of 32
FREQUENCY (Hz)
1M
1k
1
100k
10k
100
10
1k
10k
100k
1M
10M
100M
Figure 33. Input Impedance vs. Frequency
27.6
25.8
27.2
26.8
26.6
26.2
26.0
26.4
27.0
27.4
TEMPERATURE (°C)
–40
–20
0
2040
6080
90
Figure 34. Input Bias Current vs. Temperature
40
20
0
35
30
25
15
10
5
PREAMP (±IS)
AD604 (+IS)
DSX (+IS)
+IS (VGN = 0)
+IS (AD604) = +IS (PA) + +IS (DSX)
–IS (AD604) = –IS (PA)
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
90
Figure 35. Supply Current (One Channel) vs. Temperature
FREQUENCY (Hz)
20
14
6
8
10
12
16
18
VGN = 0.1V
VGN = 2.9V
100k
1M
10M
100M
Figure 36. Group Delay vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com