Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD604ARSZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # AD604ARSZ-R7
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604ARSZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD604ARSZ-R7 Datasheet HTML 23Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 24Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 25Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 26Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 27Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 28Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 29Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 30Page - Analog Devices AD604ARSZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
AD604
Rev. D | Page 27 of 32
R12
–DSX1
PAO1
OUT1
VREF
VGN1
+DSX1
15
4
3
2
1
13
14
16
17
18
19
20
10
7
9
8
6
5
C8
0.1µF
C9
0.1µF
C7
0.1µF
C14
0.1µF
C13
0.1µF
C2
0.1µF
C4
0.1µF
C6
0.1µF
12
11
24
23
22
21
FBK1
PAI1
COM1
COM2
PAO2
+DSX2
FBK2
PAI2
OUT2
VGN2
VOCM
GND2
VPOS
VNEG
GND1
VNEG
AD604
U1
R5
JP7
R6
+DSX1
R11
–DSX1
PAO1
PAI1
+5V
JP6
JP8
JP9
C10
0.1µF
C11
0.1µF
R10
JP12
R9
–DSX2
PAO2
R8
49.9Ω
R7
49.9Ω
PAI2
JP15
JP14
JP13
VGN2
C12
1nF
R4
1kΩ
+5V
JP4
A
B
GN2
ADJ
VOCM
R3
1kΩ
+5V
JP3
A
B
VOCM
ADJ
+5V
–5V
–5V
+5V
OUT2
OUT1
R13
49.9Ω
R2
10kΩ
R1
10kΩ
+5V
+5V
JP2
C5
1nF
JP1
GN1
ADJ
A
B
VGN1
JP5
JP16
A
B
C3
10µF
10V
C1
10µF
10V
+
+
NOTES
1. PARTS IN GRAY ARE NOT INSTALLED.
J1
CH1 VGA
IN (–)
J2
CH1 VGA
IN (+)
J7
CH2 VGA
IN (+)
J8
CH1 VGA
IN (–)
J5
CH 1 PREAMP
IN
J6
CH 2 PREAMP
IN
VREF
GND1 GND2 GND3 GND4
GND
+DSX2
–DSX2
VPOS
J4
OUT2
VREF
ADJ
R14
49.9Ω
J3
OUT1
Figure 61. Evaluation Board Schematic
Table 6. Bill of Materials
Qty.
Name
Description
Reference Designator
Manufacturer
Part Number
1
Test Loop
Red
+5 V
Components Corp.
TP-104-01-02
1
Test Loop
Blue
−5 V
Components Corp.
TP-104-01-06
5
Test Loop
Black
GND, GND1, GND2, GND3, GND4
Components Corp.
TP-104-01-00
14
Test Loop
Purple
+DSX1, +DSX2, −DSX1, −DSX2, OUT1, OUT2, PAI1,
PAI2, PAO1, PAO2, VGN1, VGN2, VOCM, VREF
Components Corp.
TP-104-01-07
2
Capacitor
Tantalum 10 μF, 10 V, A size
C1, C3
Nichicon
F931A106MAA
10
Capacitor
0.1 μF, 50 V, 20%, 0805
C2, C4, C6, C7, C8, C9, C10, C11, C13, C14
Panasonic
PCC1840CT-ND
2
Capacitor
SM, 1000 pF, 50 V, 0805
C5, C12
Panasonic
ECU-V1H102KBN
8
Connector
SMA FEM PC Mount, RA
J1, J2, J3, J4, J5, J6, J7, J8
Amphenol
901-143-6RFX
8
Header
0.1” center 2-pin
JP1, JP2, JP3, JP7, JP12, JP13, JP14, JP15
Berg
69157-2
6
Header
0.1” center 3-pin
JP4, JP5, JP6, JP8, JP9, JP16
Molex
22-11-2032
4
Trimmer
10 kΩ, 1/4" SM
R1, R2, R3, R4
Bourns
3361P-1-103G
4
Resistor
49.9 Ω, 1%, 1/10 W, 0805
R7, R8, R13, R14
Panasonic
ERJ-6ENF49R9
1
Integrated
Circuit
40 MHz dual low
noise VGA
U1 (AD604)
Analog Devices, Inc.
AD604AR
10
Jumper
Mini jumper
Install in headers at JP1, JP2, JP3, JP4 lower,
JP5 lower, JP6 lower, JP8 right, JP9 right,
JP15, JP16 left



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com