Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CS160-I/MS Datasheet(PDF) 11 Page - Microchip Technology

Part # 25CS160-I/MS
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160-I/MS Datasheet(HTML) 11 Page - Microchip Technology

Back Button 25CS160-I/MS Datasheet HTML 7Page - Microchip Technology 25CS160-I/MS Datasheet HTML 8Page - Microchip Technology 25CS160-I/MS Datasheet HTML 9Page - Microchip Technology 25CS160-I/MS Datasheet HTML 10Page - Microchip Technology 25CS160-I/MS Datasheet HTML 11Page - Microchip Technology 25CS160-I/MS Datasheet HTML 12Page - Microchip Technology 25CS160-I/MS Datasheet HTML 13Page - Microchip Technology 25CS160-I/MS Datasheet HTML 14Page - Microchip Technology 25CS160-I/MS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 11
25CS160
1.2
Device Default State
1.2.1
POWER-UP DEFAULT STATE
The 25CS160 default state upon power-up consists of:
• Standby power mode (CS =HIGH)
• A high-to-low-level transition on CS, which is
required to enter active state
• Write Enable Latch (WEL) bit in the STATUS
register = 0
• Error Correction State Latch (ECS) bit in the
STATUS register = 0
• Write Lockout State (WLS) bit in the STATUS
register = 0
• Ready/Busy (RDY/BUSY) bit in the STATUS
register = 0,
indicating the device is ready to
accept a new instruction
1.2.2
DEVICE FACTORY DEFAULT
CONDITION
The 25CS160 is shipped to the customer with the
EEPROM array set to an all FFh data pattern
(logic ‘1’ state).
The Security register contains a preprogrammed,
128-bit serial number in the lower 16 bytes. The
user-programmable portion (lockable ID page) is
unlocked and is set to logic ‘1’, resulting in 32 bytes of
FFh data.
In the various device registers, the following
nonvolatile bits are set:
• Write Protection Enable (WPEN) bit in the
STATUS register is set to logic ‘0’ to allow writing
to the STATUS register (see Table 1-5)
• Block Write-Protect (BP[1:0]) bits in the STATUS
register are logic ‘0’, indicating no write protection
set when in Legacy mode (see Table 1-5)
• Undervoltage Lockout Detection (UVLO) register
is set to 00h, indicating that the UVLO function is
not enabled and the undervoltage lockout
detection level (VUVL) is set to the minimum level
(see Table 1-7)
TABLE 1-5:
STATUS REGISTER BITS – BYTE 0 (FACTORY DEFAULT)
TABLE 1-6:
STATUS REGISTER BITS – BYTE 1 (FACTORY DEFAULT)
TABLE 1-7:
UNDERVOLTAGE LOCKOUT DETECTION REGISTER (FACTORY DEFAULT)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WPEN
Reserved
Reserved
Reserved
BP1
BP0
WEL(1)
RDY/BUSY(1)
0
0
00000
0
Note 1: These bits are volatile and are reset to this value upon power-up.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
ECS(1)
Reserved
Reserved
Reserved
WLS(1)
Reserved
RDY/BUSY(1)
0
0
00000
0
Note 1: These bits are volatile and are reset to this value upon power-up.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
Reserved
UVLOEN
VUVL4
VUVL3
VUVL2
VUVL1
VUVL0
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com