Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CS160-I/MS Datasheet(PDF) 15 Page - Microchip Technology

Part # 25CS160-I/MS
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160-I/MS Datasheet(HTML) 15 Page - Microchip Technology

Back Button 25CS160-I/MS Datasheet HTML 11Page - Microchip Technology 25CS160-I/MS Datasheet HTML 12Page - Microchip Technology 25CS160-I/MS Datasheet HTML 13Page - Microchip Technology 25CS160-I/MS Datasheet HTML 14Page - Microchip Technology 25CS160-I/MS Datasheet HTML 15Page - Microchip Technology 25CS160-I/MS Datasheet HTML 16Page - Microchip Technology 25CS160-I/MS Datasheet HTML 17Page - Microchip Technology 25CS160-I/MS Datasheet HTML 18Page - Microchip Technology 25CS160-I/MS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 15
25CS160
4.3
Device Opcodes
4.3.1
SERIAL OPCODE
After the device is selected by driving CS low, the first
byte sent must be the opcode that defines the
sequence to be performed.
The 25CS160 utilizes an 8-bit instruction register. The
list of instructions and their operation codes or opcodes
are contained in Table 4-1. All instructions, addresses
and data are transferred with the MSb first and are
initiated with a high-to-low CS transition.
TABLE 4-1:
INSTRUCTION SET FOR 25CS160
Instruction
Instruction Description
Opcode
Address
Bytes
Data
Bytes
Reference
Section
STATUS Register Instructions
RDSR
Read STATUS Register
05h
0000 0101
01 or 2
6.2
WREN
Set Write Enable Latch (WEL)
06h
0000 0110
00
5.1
WRDI
Reset Write Enable Latch (WEL)
04h
0000 0100
00
5.2
WRSR
Write STATUS Register
01h
0000 0001
01 or 2
6.3
EEPROM and Security Register Instructions
READ
Read from EEPROM Array
03h
0000 0011
21+
7.1
WRITE
Write to EEPROM Array (1 to 32 bytes)
02h
0000 0010
21+
8.0
RDEX
Read from the Security Register
83h
1000 0011
21+
9.1
WREX
Write to the Security Register
82h
1000 0010
21+
9.2
LOCK
Lock the Security Register (permanent)
82h
1000 0010
21
9.2.1
CHLK
Check Lock Status of Security Register
83h
1000 0011
21
9.2.2
Identification Register Instructions
SPID
Read the SPI Manufacturer ID Data
9Fh
1001 1111
05
11.1
Undervoltage Lockout Register Instructions
RUVL
Read the Undervoltage Lockout Register
15h
0001 0101
01
10.2.1
WUVL
Write Undervoltage Lockout Register
11h
0001 0001
01
10.2.2
Device Reset Instruction
SRST
Software Device Reset
7Ch
0111 1100
00
1.1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com