Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CS160-I/MS Datasheet(PDF) 12 Page - Microchip Technology

Part # 25CS160-I/MS
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160-I/MS Datasheet(HTML) 12 Page - Microchip Technology

Back Button 25CS160-I/MS Datasheet HTML 8Page - Microchip Technology 25CS160-I/MS Datasheet HTML 9Page - Microchip Technology 25CS160-I/MS Datasheet HTML 10Page - Microchip Technology 25CS160-I/MS Datasheet HTML 11Page - Microchip Technology 25CS160-I/MS Datasheet HTML 12Page - Microchip Technology 25CS160-I/MS Datasheet HTML 13Page - Microchip Technology 25CS160-I/MS Datasheet HTML 14Page - Microchip Technology 25CS160-I/MS Datasheet HTML 15Page - Microchip Technology 25CS160-I/MS Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 12
25CS160
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
2.1
Chip Select (CS)
Asserting the CS pin selects the device. When the CS
pin is deasserted, the device will be deselected and
placed in Standby mode, and the SO pin will be in a
high-impedance state. When the device is deselected,
data will not be accepted on the SI pin.
A high-to-low transition on the CS pin is required to
start a sequence, and a low-to-high transition is
required to end a sequence. For write sequences, the
device will not enter Standby mode until the completion
of the self-timed internal write cycle.
2.2
Serial Data Output (SO)
The SO pin is used to shift data out from the device.
Data on the SO pin are always clocked out on the
falling edge of SCK. The SO pin is in a high-impedance
state whenever the device is deselected (CS is
deasserted) as well as when the Hold function is
engaged.
2.3
Write-Protect Pin (WP)
The Write-Protect (WP) pin can be used to protect the
STATUS register and memory array contents via the
Block Protection modes when Legacy Write Protection
mode is enabled.
2.4
Serial Data Input (SI)
Instructions, addresses and data are latched by the
25CS160 on the rising edge of the Serial Clock (SCK)
line via the Serial Data Input (SI) pin.
2.5
Serial Clock (SCK)
The Serial Clock (SCK) pin is used to provide a clock
signal to the device and is used to synchronize the flow
of data to and from the device. Instructions, addresses
and data present on SI pin are always latched in on the
rising edge of SCK, while output data on the SO pin are
always clocked out on the falling edge of SCK.
2.6
Hold (HOLD)
When
the
device
is
selected
and
a
serial
communication sequence is underway, HOLD can be
used to pause the communication with the host device
without resetting the serial sequence.
Name
MSOP
SOIC
SOT-23
TSSOP
UDFN(1)
Function
CS
1
1
5
1
1
Chip Select Input
SO
2
2
4
2
2
Serial Data Output
WP
3
3
—
3
3
Write-Protect
VSS
4
4
2
4
4
Ground
SI
5
5
3
5
5
Serial Data Input
SCK
6
6
1
6
6
Serial Clock Input
HOLD
7
7
—
7
7
Hold Input
VCC
8
8
6
8
8
Device Power Supply
Note 1: Exposed pad on UDFN can be connected to VSS or left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com