Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CS160-H/MS Datasheet(PDF) 18 Page - Microchip Technology

Part # 25CS160-H/MS
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160-H/MS Datasheet(HTML) 18 Page - Microchip Technology

Back Button 25CS160-H/MS Datasheet HTML 14Page - Microchip Technology 25CS160-H/MS Datasheet HTML 15Page - Microchip Technology 25CS160-H/MS Datasheet HTML 16Page - Microchip Technology 25CS160-H/MS Datasheet HTML 17Page - Microchip Technology 25CS160-H/MS Datasheet HTML 18Page - Microchip Technology 25CS160-H/MS Datasheet HTML 19Page - Microchip Technology 25CS160-H/MS Datasheet HTML 20Page - Microchip Technology 25CS160-H/MS Datasheet HTML 21Page - Microchip Technology 25CS160-H/MS Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 18
25CS160
6.0
STATUS REGISTER
6.1
STATUS Register Bit Definition
The 25CS160 includes a 2-byte STATUS register,
which is a combination of six nonvolatile bits of
EEPROM and six volatile latches. The STATUS
register bits modulate various features of the device, as
shown in Register 6-1 and Register 6-2. These bits can
be read or modified by specific instructions that are
detailed in the subsequent sections.
REGISTER 6-1:
STATUS REGISTER (BYTE 0)
R/W
U-0
U-0
U-0
R/W
R/W
R-0
R-0
WPEN
—
—
—
BP1
BP0
WEL
RDY/BSY
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
WPEN: Write-Protect Enable
1 = Write-Protect pin is enabled
0 = Write-Protect pin is ignored
bit 6-4
Unimplemented: Read as ‘0’
bit 3-2
BP[1:0]: Block Protection (see Table 6-2)
00 = No array write protection
01 = Upper quarter memory array protection
10 = Upper half memory array protection
11 = Entire memory array protection
bit 1
WEL: Write Enable Latch
1 = WREN instruction has been executed, and device is enabled for writing
0 = Device is not write-enabled
bit 0
RDY/BSY: Ready/Busy Status Latch
1 = Device is busy with an internal write cycle
0 = Device is ready for a new sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com