Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CS160-H/MS Datasheet(PDF) 28 Page - Microchip Technology

Part # 25CS160-H/MS
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160-H/MS Datasheet(HTML) 28 Page - Microchip Technology

Back Button 25CS160-H/MS Datasheet HTML 24Page - Microchip Technology 25CS160-H/MS Datasheet HTML 25Page - Microchip Technology 25CS160-H/MS Datasheet HTML 26Page - Microchip Technology 25CS160-H/MS Datasheet HTML 27Page - Microchip Technology 25CS160-H/MS Datasheet HTML 28Page - Microchip Technology 25CS160-H/MS Datasheet HTML 29Page - Microchip Technology 25CS160-H/MS Datasheet HTML 30Page - Microchip Technology 25CS160-H/MS Datasheet HTML 31Page - Microchip Technology 25CS160-H/MS Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 28
25CS160
FIGURE 9-2:
WRITE SECURITY REGISTER (
WREX) BYTE WRITE SEQUENCE
FIGURE 9-3:
WRITE SECURITY REGISTER (
WREX) PAGE WRITE SEQUENCE
FIGURE 9-4:
LOCK SECURITY REGISTER (
LOCK) SEQUENCE
CS
SCK
1
0
234
56 7
9 10 11 12
31
30
29
28
27
26
24
23
22
21
10 0 0 0 0
1 0
WREX Opcode (82h)
Address Bits A15-A0(2)
XX X X X 0
SI
D7 D6 D5 D4 D3 D2 D1 D0
Data In
SO
MSb
MSb
MSb
AA A
A
Note 1:
This sequence initiates a self-timed internal write cycle on the rising edge of CS after a valid sequence.
2:
A15 through A6 are “don't care” bits, except for A10, which must be a logic ‘0’, and A5, which must be a logic ‘1’, in
order to write to the user-programmable, lockable ID page.
A
25
8
High-Impedance
TWC(1)
CS
SCK
1
0
234
567
9
31
30
29
28
27
26
24
23
22
21
SI
Data In Byte n (32 max.)
MSb
SO
1 0000 0 1 0 X X X
AA A
WREX Opcode (82h)
Data In Byte 1
MSb
MSb
MSb
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
High-Impedance
825
Note 1:
This sequence initiates a self-timed internal write cycle on the rising edge of CS after a valid sequence.
2:
A15 through A6 are “don't care” bits, except for A10 which must be a logic ‘0’, and A5, which must be a logic ‘1’, in
order to write to the user-programmable, lockable ID page.
Address Bits A15-A0(2)
TWC(1)
CS
SCK
1
0
234
567
9 10 11 12
31
30
29
28
27
26
24
23
22
21
SO
High-Impedance
1 0 0 0 00
10
LOCK Opcode (82h)
XX XX X 1
SI
XX X X X X 1 X
MSb
MSb
MSb
XX X
X
825
Note 1:
This sequence initiates a self-timed internal write cycle on the rising edge of CS after a valid sequence.
2:
A15 through A0 are “don't care” bits, except for A10, which must be a logic ‘1’.
Address Bits A15-A0(2)
Data In (xxxxxx1xb)
Data In (xxxxxx1xb)
TWC(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com