Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CS160-H/MS Datasheet(PDF) 27 Page - Microchip Technology

Part # 25CS160-H/MS
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160-H/MS Datasheet(HTML) 27 Page - Microchip Technology

Back Button 25CS160-H/MS Datasheet HTML 23Page - Microchip Technology 25CS160-H/MS Datasheet HTML 24Page - Microchip Technology 25CS160-H/MS Datasheet HTML 25Page - Microchip Technology 25CS160-H/MS Datasheet HTML 26Page - Microchip Technology 25CS160-H/MS Datasheet HTML 27Page - Microchip Technology 25CS160-H/MS Datasheet HTML 28Page - Microchip Technology 25CS160-H/MS Datasheet HTML 29Page - Microchip Technology 25CS160-H/MS Datasheet HTML 30Page - Microchip Technology 25CS160-H/MS Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 27
25CS160
9.1.1
READING THE
FACTORY-PROGRAMMED 128-BIT
SERIAL NUMBER
The Security register contains a factory-programmed,
globally unique, read-only 128-bit serial number. This
serial number is unique across all varieties of Microchip
CS series EEPROM, and it is located in the lower 16
bytes of the Security register (bytes 0h-Fh). Reading
the serial number is accomplished in the same way as
the reading of any other data in the Security register.
9.2
Writing to the Security Register
Executing a write sequence to the Security register is
identical to writing to the EEPROM, as described in
Section 8.1.1 “Byte Write” and Section 8.1.2 “Page
Write”, with the exception that the WREX (82h)
instruction is used while A10 must be a logic ‘0’ and A5
must be a logic '1' to write the user-programmable,
lockable ID page. In Legacy Write Protection mode, the
Security register is write-protected when the BP[1:0]
bits (bits 3-2, byte 0) of the STATUS register = 11.
There is no dependency on the WPEN bit (bit 7, byte 0)
of the STATUS register or the WP pin.
The user-programmable, lockable ID page of the
Security register can also be permanently locked,
making its contents read-only. This is accomplished
with the LOCK instruction. The CHLK instruction can
determine if the device has been previously locked. If
the Security register is locked, any subsequent WREX
instructions will be ignored.
9.2.1
LOCKING THE SECURITY
REGISTER
The upper 32 bytes of the Security register are shipped
by Microchip in a user-programmable state. Once the
desired data are written, the user-programmable,
lockable ID page of the Security register can be
permanently write-protected with the LOCK instruction.
The LOCK instruction is irreversible and will
permanently prevent all future write sequences to the
upper 32 bytes of the Security register on the
25CS160, thereby rendering the entire 64-byte
Security register read-only.
The LOCK instruction emulates a write sequence in that
a WREN instruction must first be sent to set the WEL bit
in the STATUS register to logic ‘1’. As shown in
Figure 9-4, the LOCK (82h) instruction is clocked in on
the SI line, followed by a dummy address where bits
A15 through A0 are “don't care” bits, with the exception
that bit A10 must be set to logic ‘1’. Finally, a
confirmation data byte of xxxxxx1xb is sent, and the
self-timed internal write cycle will begin once the CS pin
is driven high.
Note:
To ensure a unique number, the 128-bit
serial number must be read from the
starting address. Additionally, the entire
serial number must be read to realize a
completely unique value.
Note:
If the CS pin is deasserted anywere other
than at the end of an 8-bit byte boundary,
the sequence will be aborted, and no write
cycle will take place.
Note:
The LOCK instruction will be ignored if the
WPEN bit (bit 7, byte 0) of the STATUS
register is set to a logic '1' and the WP pin
is asserted.
Note:
Once the Security register has been
locked, it is not possible to unlock it.
Note:
If the CS pin is deasserted before the end
of the 32-bit sequence, the sequence will
be aborted, and no write cycle will take
place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com