Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC26901 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC26901
Description  28V, 9A Hyper Speed Control® Synchronous DC/DC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC26901 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC26901 Datasheet HTML 17Page - Microchip Technology MIC26901 Datasheet HTML 18Page - Microchip Technology MIC26901 Datasheet HTML 19Page - Microchip Technology MIC26901 Datasheet HTML 20Page - Microchip Technology MIC26901 Datasheet HTML 21Page - Microchip Technology MIC26901 Datasheet HTML 22Page - Microchip Technology MIC26901 Datasheet HTML 23Page - Microchip Technology MIC26901 Datasheet HTML 24Page - Microchip Technology MIC26901 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
2025-2026 Microchip Technology Inc. and its subsidiaries
DS20007047B-page 21
MIC26901
The maximum value of ESR is calculated:
EQUATION 5-7:
The total output ripple is a combination of the ESR and
output capacitance. The total ripple is calculated in
Equation 5-8:
EQUATION 5-8:
As described in the Theory of Operation section, the
MIC26901 requires at least 20 mV peak-to-peak ripple
at the FB pin to make the gm amplifier and the error
comparator behave properly. Also, the output voltage
ripple should be in phase with the inductor current.
Therefore, the output voltage ripple caused by the
output capacitors value should be much smaller than
the ripple caused by the output capacitor ESR. If
low-ESR capacitors, such as ceramic capacitors, are
selected as the output capacitors, a ripple injection
method should be applied to provide the enough
feedback voltage ripple. Please refer to the Ripple
Injection section for more details.
The voltage rating of the capacitor should be twice the
output voltage for a tantalum and 20% greater for
aluminum electrolytic or OS-CON. The output capacitor
RMS current is calculated below:
EQUATION 5-9:
The power dissipated in the output capacitor is:
EQUATION 5-10:
5.3
Input Capacitor Selection
The input capacitor for the power stage input VIN
should be selected for ripple current rating and voltage
rating. Tantalum input capacitors may fail when
subjected to high inrush currents, caused by turning the
input supply on. A tantalum input capacitor’s voltage
rating should be at least two times the maximum input
voltage to maximize reliability. Aluminum electrolytic,
OS-CON, and multilayer polymer film capacitors can
handle the higher inrush currents without voltage
de-rating. The input voltage ripple will primarily depend
on the input capacitor’s ESR. The peak input current is
equal to the peak inductor current, so:
EQUATION 5-11:
The input capacitor must be rated for the input current
ripple. The RMS value of input capacitor current is
determined at the maximum output current. Assuming
the peak-to-peak inductor current ripple is low:
EQUATION 5-12:
The power dissipated in the input capacitor is:
EQUATION 5-13:
5.4
Ripple Injection
The VFB ripple required for proper operation of the
MIC26901 gm amplifier and error comparator is 20 mV
to 100 mV. However, the output voltage ripple is
generally designed as 1% to 2% of the output voltage.
For a low output voltage, such as a 1V, the output
voltage ripple is only 10 mV to 20 mV, and the feedback
voltage ripple is less than 20 mV. If the feedback
voltage ripple is so small that the gm amplifier and error
comparator can’t sense it, then the MIC26901 will lose
control and the output voltage is not regulated. In order
to have some amount of VFB ripple, a ripple injection
method is applied for low output voltage ripple
applications.
ESRC OUT
VOUT PP
IL PP
---------------------------
Where:
ΔVOUT(PP) = Peak-to-peak output voltage ripple
ΔIL(PP) = Peak-to-peak inductor current ripple
VOUT PP
=
IL PP
COUT fSW
8
--------------------------------------
2
IL PP
ESRC OUT
2
+
Where:
COUT = Output capacitance value
fSW = Switching frequency
ICOUT RMS
IL PP
12
------------------
=
PDISS COUT
ICOUT RMS
2 ESR
COUT
=
VIN
IL PK
ESRCIN
=
ICIN RMS
IOUT MAX
D
1 D
–
PDISS CIN
ICIN RMS
2 ESR
CIN
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com