Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC26901 Datasheet(PDF) 22 Page - Microchip Technology

Part # MIC26901
Description  28V, 9A Hyper Speed Control® Synchronous DC/DC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC26901 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MIC26901 Datasheet HTML 18Page - Microchip Technology MIC26901 Datasheet HTML 19Page - Microchip Technology MIC26901 Datasheet HTML 20Page - Microchip Technology MIC26901 Datasheet HTML 21Page - Microchip Technology MIC26901 Datasheet HTML 22Page - Microchip Technology MIC26901 Datasheet HTML 23Page - Microchip Technology MIC26901 Datasheet HTML 24Page - Microchip Technology MIC26901 Datasheet HTML 25Page - Microchip Technology MIC26901 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
MIC26901
DS20007047B-page 22
2025-2026 Microchip Technology Inc. and its subsidiaries
The applications are divided into three situations
according to the amount of the feedback voltage ripple:
1. Enough ripple at the feedback voltage due to the
large ESR of the output capacitors.
As shown in Figure 5-1, the converter is stable without
any ripple injection. The feedback voltage ripple is:
EQUATION 5-14:
FIGURE 5-1:
Enough Ripple at FB.
2. Inadequate ripple at the feedback voltage due to
the small ESR of the output capacitors.
The output voltage ripple is fed into the FB pin through
a feed-forward capacitor (CFF) in this situation, as
shown in Figure 5-2. The typical CFF value is between
1 nF and 100 nF. With the feed-forward capacitor, the
feedback voltage ripple is very close to the output
voltage ripple:
EQUATION 5-15:
FIGURE 5-2:
Inadequate Ripple at FB.
3. Virtually no ripple at the FB pin voltage due to
the very low ESR of the output capacitors.
In this situation, the output voltage ripple is less than
20 mV. Therefore, additional ripple is injected into the
FB pin from the switching node SW via a resistor Rinj
and a capacitor Cinj, as shown in Figure 5-3. The
injected ripple is:
EQUATION 5-16:
EQUATION 5-17:
FIGURE 5-3:
Invisible Ripple at FB.
In Equation 5-16 and Equation 5-17, it is assumed that
the time constant associated with CFF must be much
greater than the switching period:
EQUATION 5-18:
If the voltage divider resistors R1 and R2 are in the kΩ
range, a CFF of 1 nF to 100 nF can easily satisfy the
large time constant requirements. Also, a 100 nF
injection capacitor Cinj is used in order to be considered
as short for a wide range of the frequencies.
VFB PP
R
2
R
1 R2
+
--------------------- ESRCOUT
IL PP
=
Where:
ΔIL(PP) = Peak-to-peak inductor current ripple
MIC26901
VFB PP
ESR
IL PP
MIC26901
VFB PP
=
VIN KDIV
D
1 D
–
1
fSW 
-----------------
Where:
VIN = Power stage input voltage
D = Duty cycle
fSW = Switching frequency
τ = (R1//R2//Rinj) × CFF
KDIV
R1//R2
Rinj R1//R2
+
----------------------------------
=
MIC26901
1
fSW 
-----------------
T
--- 1
«
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com