Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CS160-H/SN Datasheet(PDF) 25 Page - Microchip Technology

Part # 25CS160-H/SN
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160-H/SN Datasheet(HTML) 25 Page - Microchip Technology

Back Button 25CS160-H/SN Datasheet HTML 21Page - Microchip Technology 25CS160-H/SN Datasheet HTML 22Page - Microchip Technology 25CS160-H/SN Datasheet HTML 23Page - Microchip Technology 25CS160-H/SN Datasheet HTML 24Page - Microchip Technology 25CS160-H/SN Datasheet HTML 25Page - Microchip Technology 25CS160-H/SN Datasheet HTML 26Page - Microchip Technology 25CS160-H/SN Datasheet HTML 27Page - Microchip Technology 25CS160-H/SN Datasheet HTML 28Page - Microchip Technology 25CS160-H/SN Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 25
25CS160
FIGURE 8-2:
PAGE WRITE SEQUENCE
8.2
Error Correction Code (ECC)
Architecture
The 25CS160 incorporates a built-in Error Correction
Code (ECC) logic scheme. The EEPROM array is
internally organized as one byte plus an additional
4 ECC parity bits of EEPROM. These 12 bits are
referred to as the internal physical data word. During a
read sequence, the ECC logic compares each physical
data byte with its corresponding four ECC parity bits. If
a single bit out of the 1-byte region happens to read
incorrectly, the ECC logic will detect the bad bit and
replace it with a correct value before the data are
serially clocked out. This architecture significantly
improves the reliability of the 25CS160 compared to a
device that does not utilize ECC.
8.3
Polling Routine
A polling routine can be implemented to optimize
time-sensitive applications that would prefer not to wait
the fixed maximum write cycle time (TWC). This method
allows the application to query whether the Serial
EEPROM has completed the write sequence. This
polling routine should be initiated once the internally
timed write sequence has begun.
The polling routine involves repeatedly sending the
Read
STATUS
Register
(RDSR) instruction to
determine if the device has completed its self-timed
internal write cycle (see Figure 8-3). If the RDY/BSY
bit = 1 from RDSR, the write cycle is still in progress. If
RDY/BSY bit = 0 from RDSR, this indicates the write
cycle has ended. If the device is still in a busy state, the
RDSR instruction can be repeatedly executed until the
RDY/BSY bit = 0, signaling that the device is ready to
execute a new instruction. Only the RDSR instruction is
enabled during the write cycle.
FIGURE 8-3:
POLLING FLOW
CS
SCK
1
0
234
567
9
31
30
29
28
27
26
24
23
22
21
SI
Data In Byte n (32 max.)
MSb
SO
0 0000 0 1 0 X X X
AA A
WRITE Opcode (02h)
Address Bits A15-A0
Data In Byte 1
MSb
MSb
MSb
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
High-Impedance
825
TWC(1)
Note 1:
This sequence initiates a self-timed internal write cycle on the rising edge of CS after a valid sequence.
NO
YES
Send Valid Write
Sequence
Deassert CS High to
Initiate a Write Cycle
Send
RDSR
Instruction to the Device
Next Sequence
Is RDY/BSY = 0?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com