Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CS160-H/SN Datasheet(PDF) 32 Page - Microchip Technology

Part # 25CS160-H/SN
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160-H/SN Datasheet(HTML) 32 Page - Microchip Technology

Back Button 25CS160-H/SN Datasheet HTML 28Page - Microchip Technology 25CS160-H/SN Datasheet HTML 29Page - Microchip Technology 25CS160-H/SN Datasheet HTML 30Page - Microchip Technology 25CS160-H/SN Datasheet HTML 31Page - Microchip Technology 25CS160-H/SN Datasheet HTML 32Page - Microchip Technology 25CS160-H/SN Datasheet HTML 33Page - Microchip Technology 25CS160-H/SN Datasheet HTML 34Page - Microchip Technology 25CS160-H/SN Datasheet HTML 35Page - Microchip Technology 25CS160-H/SN Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 32
25CS160
10.2.2
WRITING THE UNDERVOLTAGE
LOCKOUT DETECTOR REGISTER
Writing to the UVLO register can be done by using the
WUVL instruction. However, before a WUVL instruction
can be initiated, a WREN instruction must be executed
to set the WEL bit to logic ‘1’ (see Section 8.1.1 “Byte
Write”). The WUVL instruction is prevented if
WPEN = 1 and WP is asserted. Upon completion of a
WREN sequence, a WUVL instruction can be executed.
This begins by driving the CS pin low, followed by
sending in an 11h opcode on the SI pin. Then continue
by sending the desired 8-bit UVLO register value.
Note that bits 7 through bit 6 have no function, as
shown in Register 10-1. The 25CS160 will only
respond to a RDSR instruction after a WUVL sequence
until the self-timed internal write cycle has completed,
as the UVLO is a nonvolatile register. When the write
cycle is completed, the WEL bit in the STATUS regis-
ter is reset to logic ‘0’. The WUVL sequence is depicted
in Figure 10-2.
FIGURE 10-2:
WRITE UNDERVOLTAGE LOCKOUT REGISTER (
WUVL) SEQUENCE
Note:
If the CS pin is deasserted before the end
of the 16-bit sequence, the sequence will
be aborted, and no write cycle will take
place.
Note 1: This sequence initiates a self-timed internal write cycle on the rising edge of CS after a valid sequence.
SO
CS
9
10
11
1213
1415
XX
D5
D4
D2
D1
D0
High-Impedance
SCK
0
2
34
56
7
18
D3
SI
WUVL Opcode (11h)
00
0
1
0
0
1
MSb
MSb
UVLO Register Data In
UVLOEN VUVL[4:0] Level Bits
0
TWC(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com