Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CS160-H/SN Datasheet(PDF) 52 Page - Microchip Technology

Part # 25CS160-H/SN
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160-H/SN Datasheet(HTML) 52 Page - Microchip Technology

Back Button 25CS160-H/SN Datasheet HTML 45Page - Microchip Technology 25CS160-H/SN Datasheet HTML 46Page - Microchip Technology 25CS160-H/SN Datasheet HTML 47Page - Microchip Technology 25CS160-H/SN Datasheet HTML 48Page - Microchip Technology 25CS160-H/SN Datasheet HTML 49Page - Microchip Technology 25CS160-H/SN Datasheet HTML 50Page - Microchip Technology 25CS160-H/SN Datasheet HTML 51Page - Microchip Technology 25CS160-H/SN Datasheet HTML 52Page - Microchip Technology 25CS160-H/SN Datasheet HTML 53Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 52 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 52
25CS160
PRODUCT IDENTIFICATION SYSTEM (NON-AUTOMOTIVE)
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
–X
/XX
Package
Temperature
Range
Device
Device:
25CS160 = 16-Kbit SPI Serial EEPROM with Security Register
Tape and Reel
Option:
Blank
= Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature
Range:
I= -40
C to +85C (Industrial)
E= -40
C to +125C (Extended E-Temp.)
H= -40
C to +150C (Extended H-Temp.)
Package:
MS
= 8-Lead Plastic Micro Small Outline Package
(MSOP)
SN
= 8-Lead Plastic Small Outline – Narrow, 3.90 mm
Body (SOIC)
OT
= 6-Lead Plastic Small Outline Transistor (SOT-23)
(Tape and Reel only)
ST
= 8-Lead Plastic Thin Shrink Small Outline – 4.4 mm
Body (TSSOP)
Q4B
= 8-Lead Plastic Dual Flat, No Lead Package –
2x3 mm (UDFN) (Tape and Reel only)
Examples:
a) 25CS160T-I/MS
= Tape and Reel, Industrial Temp.,
1.7V-5.5V, MSOP package.
b) 25CS160-E/MS
= Extended E-Temp., 1.8V-5.5V,
MSOP package.
c) 25CS160T-I/SN
= Tape and Reel, Industrial Temp.,
1.7V-5.5V, SOIC package.
d) 25CS160T-E/SN
= Tape and Reel, Extended E-Temp.,
1.8V-5.5V, SOIC package.
e) 25CS160-H/SN
= Extended H-Temp., 2.5V-5.5V,
SOIC package.
f) 25CS160T-I/OT
= Tape and Reel, Industrial Temp.,
1.7V-5.5V, SOT-23 package.
g) 25CS160-I/ST
= Industrial Temp., 1.7V-5.5V,
TSSOP package.
h) 25CS160-E/ST
= Extended E-Temp., 1.8V-5.5V,
TSSOP package.
i) 25CS160T-H/ST
= Tape and Reel, Extended H-Temp.,
2.5V-5.5V, TSSOP package.
j) 25CS160T-I/Q4B = Tape and Reel, Industrial Temp.,
1.7V-5.5V, UDFN package.
k) 25CS160T-E/Q4B = Tape and Reel, Extended E-Temp.,
1.8V-5.5V, UDFN package.
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
[X]
Tape and Reel
Option
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com