Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM45 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM45
Description  SOT-23 Precision Centigrade Temperature Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM45 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM45 Datasheet HTML 1Page - National Semiconductor (TI) LM45 Datasheet HTML 2Page - National Semiconductor (TI) LM45 Datasheet HTML 3Page - National Semiconductor (TI) LM45 Datasheet HTML 4Page - National Semiconductor (TI) LM45 Datasheet HTML 5Page - National Semiconductor (TI) LM45 Datasheet HTML 6Page - National Semiconductor (TI) LM45 Datasheet HTML 7Page - National Semiconductor (TI) LM45 Datasheet HTML 8Page - National Semiconductor (TI) LM45 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
+12V to −0.2V
Output Voltage
+V
S + 0.6V to
−1.0V
Output Current
10 mA
Storage Temperature
−65˚C to +150˚C
ESD Susceptibility (Note 3):
Human Body Model
Machine Model
2000V
250V
Operating Ratings (Note 1)
Specified Temperature Range
(Note 4)
T
MIN to TMAX
LM45B, LM45C
−20˚C to +100˚C
Operating Temperature Range
LM45B, LM45C
−40˚C to +125˚C
Supply Voltage Range (+V
S)
+4.0V to +10V
Soldering process must comply with National Semiconduc-
tor’s Reflow Temperature Profile specifications. Refer to
www.national.com/packaging. (Note 2)
Electrical Characteristics
Unless otherwise noted, these specifications apply for +V
S = +5Vdc and ILOAD = +50 µA, in the circuit of Figure 2. These speci-
fications also apply from +2.5˚C to T
MAX in the circuit of Figure 1 for +VS = +5Vdc. Boldface limits apply for TA =T J =TMIN
to T
MAX ; all other limits TA =TJ = +25˚C, unless otherwise noted.
Parameter
Conditions
LM45B
LM45C
Units
(Limit)
Typical
Limit
Typical
Limit
(Note 5)
(Note 5)
Accuracy
T
A=+25˚C
±2.0
±3.0
˚C (max)
(Note 6)
T
A=TMAX
±3.0
±4.0
˚C (max)
T
A=TMIN
±3.0
±4.0
˚C (max)
Nonlinearity
T
MIN
≤T
A
≤T
MAX
±0.8
±0.8
˚C (max)
(Note 7)
Sensor Gain
T
MIN
≤T
A
≤T
MAX
+9.7
+9.7
mV/˚C (min)
(Average Slope)
+10.3
+10.3
mV/˚C (max)
Load Regulation (Note 8)
0
≤I
L
≤ +1 mA
±35
±35
mV/mA (max)
Line Regulation
+4.0V
≤+V
S
≤+10V
±0.80
±0.80
mV/V (max)
(Note 8)
±1.2
±1.2
mV/V (max)
Quiescent Current
+4.0V
≤+V
S
≤+10V, +25˚C
120
120
µA (max)
(Note 9)
+4.0V
≤+V
S
≤+10V
160
160
µA (max)
Change of Quiescent
4.0V
≤+V
S
≤10V
2.0
2.0
µA (max)
Current (Note 9)
Temperature Coefficient
+2.0
+2.0
µA/˚C
of Quiescent Current
Minimum Temperature
In circuit of
+2.5
+2.5
˚C (min)
for Rated Accuracy
Figure 1,I
L=0
Long Term Stability (Note 10)
T
J=TMAX, for 1000 hours
±0.12
±0.12
˚C
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its rated operating conditions.
Note 2: Reflow temperature profiles are different for lead-free and non-lead-free packages.
Note 3: Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin.
Note 4: Thermal resistance of the SOT-23 package is 260˚C/W, junction to ambient when attached to a printed circuit board with 2 oz. foil as shown in Figure 3.
Note 5: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 6: Accuracy is defined as the error between the output voltage and 10 mv/˚C times the device’s case temperature, at specified conditions of voltage, current,
and temperature (expressed in ˚C).
Note 7: Nonlinearity is defined as the deviation of the output-voltage-versus-temperature curve from the best-fit straight line, over the device’s rated temperature
range.
Note 8: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating effects can be
computed by multiplying the internal dissipation by the thermal resistance.
Note 9: Quiescent current is measured using the circuit of Figure 1.
Note 10: For best long-term stability, any precision circuit will give best results if the unit is aged at a warm temperature, and/or temperature cycled for at least 46
hours before long-term life test begins. This is especially true when a small (Surface-Mount) part is wave-soldered; allow time for stress relaxation to occur.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com