Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM45 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM45
Description  SOT-23 Precision Centigrade Temperature Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM45 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM45 Datasheet HTML 3Page - National Semiconductor (TI) LM45 Datasheet HTML 4Page - National Semiconductor (TI) LM45 Datasheet HTML 5Page - National Semiconductor (TI) LM45 Datasheet HTML 6Page - National Semiconductor (TI) LM45 Datasheet HTML 7Page - National Semiconductor (TI) LM45 Datasheet HTML 8Page - National Semiconductor (TI) LM45 Datasheet HTML 9Page - National Semiconductor (TI) LM45 Datasheet HTML 10Page - National Semiconductor (TI) LM45 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Typical Applications
CAPACITIVE LOADS
Like most micropower circuits, the LM45 has a limited ability
to drive heavy capacitive loads. The LM45 by itself is able to
drive 500 pF without special precautions. If heavier loads are
anticipated, it is easy to isolate or decouple the load with a
resistor; see Figure 4. Or you can improve the tolerance of
capacitance with a series R-C damper from output to
ground; see Figure 5.
Any linear circuit connected to wires in a hostile environment
can have its performance affected adversely by intense elec-
tromagnetic sources such as relays, radio transmitters, mo-
tors with arcing brushes, SCR transients, etc, as its wiring
can act as a receiving antenna and its internal junctions can
act as rectifiers. For best results in such cases, a bypass
capacitor from V
IN to ground and a series R-C damper such
as 75
Ω in series with 0.2 or 1 µF from output to ground, as
shown in Figure 5, are often useful.
01175408
FIGURE 4. LM45 with Decoupling from Capacitive Load
01175409
FIGURE 5. LM45 with R-C Damper
01175412
FIGURE 6. Temperature Sensor,
Single Supply, −20˚C to +100˚C
01175414
FIGURE 7. 4-to-20 mA Current Source (0˚C to +100˚C)
01175415
FIGURE 8. Fahrenheit Thermometer
01175416
FIGURE 9. Centigrade Thermometer (Analog Meter)
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com