Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM45 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM45
Description  SOT-23 Precision Centigrade Temperature Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM45 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM45 Datasheet HTML 2Page - National Semiconductor (TI) LM45 Datasheet HTML 3Page - National Semiconductor (TI) LM45 Datasheet HTML 4Page - National Semiconductor (TI) LM45 Datasheet HTML 5Page - National Semiconductor (TI) LM45 Datasheet HTML 6Page - National Semiconductor (TI) LM45 Datasheet HTML 7Page - National Semiconductor (TI) LM45 Datasheet HTML 8Page - National Semiconductor (TI) LM45 Datasheet HTML 9Page - National Semiconductor (TI) LM45 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Printed Circuit Board
Applications
The LM45 can be applied easily in the same way as other
integrated-circuit temperature sensors. It can be glued or
cemented to a surface and its temperature will be within
about 0.2˚C of the surface temperature.
This presumes that the ambient air temperature is almost the
same as the surface temperature; if the air temperature were
much higher or lower than the surface temperature, the
actual temperature of the LM45 die would be at an interme-
diate temperature between the surface temperature and the
air temperature.
To ensure good thermal conductivity the backside of the
LM45 die is directly attached to the GND pin. The lands and
traces to the LM45 will, of course, be part of the printed
circuit board, which is the object whose temperature is being
measured. These printed circuit board lands and traces will
not cause the LM45s temperature to deviate from the de-
sired temperature.
Alternatively, the LM45 can be mounted inside a sealed-end
metal tube, and can then be dipped into a bath or screwed
into a threaded hole in a tank. As with any IC, the LM45 and
accompanying wiring and circuits must be kept insulated and
dry, to avoid leakage and corrosion. This is especially true if
the circuit may operate at cold temperatures where conden-
sation can occur. Printed-circuit coatings and varnishes such
as Humiseal and epoxy paints or dips are often used to
insure that moisture cannot corrode the LM45 or its connec-
tions.
Temperature Rise of LM45 Due to Self-Heating (Thermal
Resistance)
SOT-23
SOT-23
no heat sink*
small heat fin**
Still air
450˚C/W
260˚C/W
Moving air
180˚C/W
* Part soldered to 30 gauge wire.
** Heat sink used is 1⁄2” square printed circuit board with 2 oz. foil with part
attached as shown in Figure 3.
01175423
FIGURE 3. Printed Circuit Board Used for Heat Sink to Generate All Curves.
1
⁄2" Square Printed Circuit Board with 2 oz. Foil or Similar
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com