Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5710R Datasheet(PDF) 42 Page - Analog Devices

Part # AD5710R
Description  8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5710R Datasheet(HTML) 42 Page - Analog Devices

Back Button AD5710R Datasheet HTML 38Page - Analog Devices AD5710R Datasheet HTML 39Page - Analog Devices AD5710R Datasheet HTML 40Page - Analog Devices AD5710R Datasheet HTML 41Page - Analog Devices AD5710R Datasheet HTML 42Page - Analog Devices AD5710R Datasheet HTML 43Page - Analog Devices AD5710R Datasheet HTML 44Page - Analog Devices AD5710R Datasheet HTML 45Page - Analog Devices AD5710R Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
Data Sheet
AD5710R
REGISTERS
analog.com
Rev. 0 | 42 of 56
Figure 84. Address: 0x0D, Reset: 0x04, Name: VENDOR_H
Table 26. Bit Descriptions for VENDOR_H
Bits
Bit Name
Description
Reset
Access
[7:0]
VID[15:8]
Analog Devices Vendor ID.
0x4
R
Stream Mode Register
Defines the length of the loop when streaming data
Figure 85. Address: 0x0E, Reset: 0x00, Name: STREAM_MODE
Table 27. Bit Descriptions for STREAM_MODE
Bits
Bit Name
Description
Reset
Access
[7:0]
LOOP_COUNT
Sets the Data Byte Count Before Looping to Start Address. When streaming data, a nonzero value sets
the number of data bytes written before the address loops back to the start address. A maximum of 255
bytes may be written using this approach. A value of 0x00, disables the loop back, so that addressing wraps
around at the upper/lower limits of memory.
0x0
R/W
Transfer Configuration Register
Controls the movement of data between master and slave registers
Figure 86. Address: 0x0F, Reset: 0x00, Name: TRANSFER_CONFIG
Table 28. Bit Descriptions for TRANSFER_CONFIG
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
Reserved.
0x0
R
2
KEEP_STREAM_LENGTH_VAL
When Set the Loop Counter Does Not Reset on CSB Rising Edge.
0x0
R/W
[1:0]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com