Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5710R Datasheet(PDF) 21 Page - Analog Devices

Part # AD5710R
Description  8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5710R Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5710R Datasheet HTML 17Page - Analog Devices AD5710R Datasheet HTML 18Page - Analog Devices AD5710R Datasheet HTML 19Page - Analog Devices AD5710R Datasheet HTML 20Page - Analog Devices AD5710R Datasheet HTML 21Page - Analog Devices AD5710R Datasheet HTML 22Page - Analog Devices AD5710R Datasheet HTML 23Page - Analog Devices AD5710R Datasheet HTML 24Page - Analog Devices AD5710R Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Data Sheet
AD5710R
THEORY OF OPERATION
analog.com
Rev. 0 | 21 of 56
DIGITAL-TO-ANALOG CONVERTER
The AD5710R is a low power, 8-channel, 16-bit DAC that operates
on analog supply voltages of 2.7V to 5.5V for AVDD, 1.71V to
AVDD for PVDD0/1 and interface logic supply IOVDD of 1.08V
to 1.98V. Each channel can be configured as VDAC or IDAC. A
group of four DAC channels, OUT[3:0], is powered by PVDD0 and
another group of four DAC channels, OUT[7:4], is powered by
PVDD1.
The device has a 3ppm/°C, 2.5V on-chip reference and incorpo-
rates various functions such as load DAC, device reset, output
monitoring, and die temperature monitoring. A simplified block
diagram of a DAC channel is shown in Figure 53.
The AD5710R offers a versatile 4-wire serial interface compatible
with classic SPI. See the Digital Interface section for more details.
Figure 53. DAC Channel Block Diagram
IDAC Channels
The device integrates eight 16-bit current-output DAC (IDAC) chan-
nels. Each channel is configured as an IDAC by default and is
capable of sourcing currents up to 50mA.
The input coding to the DAC is straight binary. The conversion of
the digital input code to the ideal output voltage is given by the
following equation:
IOUTn= D2N ×50 mA
(2)
where:
IOUTn is the output current sourced through the load at the selected
DAC channel n.
D is the decimal equivalent of the straight binary code that is loaded
into the DAC register.
N is the DAC resolution in bits.
By default, the output of any channel is configured as IDAC in high-
Z mode and the output stage of each channel is powered down.
Alternatively, each channel can be configured as IDAC output by
setting the corresponding CHx_VMODE_EN bit to 0. The output of
each channel can be enabled by writing 2'b00 to MODE_CH_x bits
corresponding to each channel.
VDAC Channels
The device contains eight buffered VDAC channels capable of
sourcing 50mA and sinking 10mA current independently. VDAC
channels have a shared gain bit OUTPUT_CONTROL_0, that sets
the output range to 0V to VREF or 0V to 2 × VREF. Consequently, it
is not possible to set different output ranges on a per channel basis.
The input coding to the DAC is straight binary. The conversion of
the digital input code to the ideal output voltage is given by the
following equation:
VOUTn=VREF× D2N ×G
(3)
where:
VOUTn is the output voltage seen at the selected DAC channel n.
VREF is the voltage present on the VREF pin. For internal reference,
VREF= 2.5V.
D is the decimal equivalent of the straight binary code that is loaded
into the DAC register.
N is the DAC resolution in bits.
G is the gain of the output amplifier. G = 1 if OUTPUT_CON-
TROL_0, Bit 2 (range) = 0 (default), and G = 2 if OUTPUT_CON-
TROL_0, Bit 2 (range) = 1.
By default, the output of any channel is configured as IDAC in
high-Z mode. Each channel can be configured as VDAC output
by setting the corresponding CHx_VMODE_EN bit to 1. The DAC
output has an effective output resistance of 15kΩ to GND during
the shutdown state. The output of each channel can be enabled by
writing 2'b00 to MODE_CH_x bits corresponding to each channel.
Output Voltage Limitation Due to PVDD
When PVDD is configured below the selected VDAC output range,
the output voltage of the channel is limited and clamps just below
PVDD, regardless of the applied full-scale digital code. In such
conditions, the device cannot achieve the full-scale output voltage
of 2.5V for an output range of VREF or 5V for an output range of 2
× VREF.
DAC Operating Modes
Upon power-up or following a power-on reset, all channel outputs
default to a high-impedance (high-Z) state while operating in IDAC
mode. In this state, the output stage of each channel is powered
down. To enable output, the corresponding channel must be config-
ured by writing 2'b00 to the MODE_CH_x bits.
By default, each channel is configured as an IDAC. To switch
a channel to VDAC mode, set the VMODE_EN_CHn bit for the
respective channel. Prior to transitioning between IDAC and VDAC
modes, the DAC register for the corresponding channel must be
cleared to 0x0000.
Note that in power-down mode, VDAC channels exhibit an effective
internal output resistance of approximately 15 kΩ to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com