Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5710R Datasheet(PDF) 24 Page - Analog Devices

Part # AD5710R
Description  8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5710R Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5710R Datasheet HTML 20Page - Analog Devices AD5710R Datasheet HTML 21Page - Analog Devices AD5710R Datasheet HTML 22Page - Analog Devices AD5710R Datasheet HTML 23Page - Analog Devices AD5710R Datasheet HTML 24Page - Analog Devices AD5710R Datasheet HTML 25Page - Analog Devices AD5710R Datasheet HTML 26Page - Analog Devices AD5710R Datasheet HTML 27Page - Analog Devices AD5710R Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
Data Sheet
AD5710R
DAC CORE FUNCTIONS
analog.com
Rev. 0 | 24 of 56
Each DAC channel has an individual input register and a DAC
register, as shown in Figure 1. Both registers are accessible
through the serial interface. The DAC register stores digital code
equivalent to the DAC output voltage while the input register acts
as a temporary staging register before being passed on to the DAC
register. With the LDAC function, one or more DAC registers can be
updated in parallel with the data held in the input registers.
The DAC registers can be written to directly, in which case the
corresponding output updates immediately without the need for a
hardware or software LDAC. Directly writing to the DAC register
does not affect the data stored in the input register.
Writing to the MULTI_INPUT_CH register allows one or more input
registers to be updated in a single write operation. The MULTI_IN-
PUT_SEL_0 register determines which channel's input register can
be updated with the data written to the MULTI_INPUT_CH register.
See the DAC Update section for additional information.
Similarly, writing to the MULTI_DAC_CH register allows one or
more DAC registers to be updated in a single write operation.
MULTI_DAC_INPUT_SEL_0 determines which DAC register can be
updated with the data written to the MULTI_DAC_CH register. See
the DAC Update section for more information.
To ensure that the DAC update is successful, DAC register updates
should only occur once every 640ns. Refer to tL2 and tL3 from
Table 3. An error flag is asserted when a DAC update write is
unsuccessful, which can be check by reading the UPDATE_ERR bit
on the STATUS_CONTROL_0 register.
LDAC FUNCTION
The LDAC function is used to initiate the transfer of the contents
of input registers of the selected channels to the corresponding
DAC registers, thereby updating one or more OUT pins at the same
time. The LDAC function can be executed by hardware through
the LDAC pin or by software through SW_LDAC_TRIG_A or
SW_LDAC_TRIG_B registers. Both hardware and software LDAC
perform the same function.
Hardware LDAC
The AD5710R has an active low LDAC pin that is falling edge
sensitive. If the LDAC signal is brought low, the selected input
register contents are transferred to corresponding DAC register. If
the LDAC is held low when writing to the device, the input registers
appear transparent, and when an input register is written to, the
DAC register is updated with the contents of the input register at the
same time. When LDAC is held high, DAC codes can be written to
any input registers without affecting the DAC output.
The LDAC is used to determine the DAC channels to be updated
from the input registers of the corresponding DAC channels when
LDAC is active low or asserted. By default, all DAC channels are
selected and the HLD_EN_CH_n bitfields contain a 1b'1. A 1b'0 set
on a HLD_EN_CH_n bitfield disables the hardware LDAC feature
for the corresponding DAC channel.
Software LDAC
The software LDAC function is synonymous to an LDAC falling
edge. It provides a way to initiate a transfer of content between
input registers of the selected DAC channels to corresponding
DAC registers through the serial interface via writing 1b'1 to
SLD_TRIG_A bit on the SW_LDAC_TRIG_A register or to the
SLD_TRIG_B bit on the SW_LDAC_TRIG_B register.
The SW_LDAC_EN_0 register is used to determine the DAC chan-
nels to be updated from the corresponding input registers when
a software LDAC is performed. By default, all DAC channels are
selected and the SLD_EN_CH_n bitfields contain a 1b'1. A 1b'0 set
in a SLD_EN_CH_n bitfield disables the software LDAC feature for
the corresponding DAC channel.
DAC UPDATE
There are multiple methods for updating the DAC_CHn registers
that directly affect the VDAC and IDAC outputs. Figure 55 applies
when unique data is written to one or more channels, with varia-
tions depending on whether the update is immediate or controlled
using the hardware or software LDAC. Figure 56 applies when the
same data is written to multiple channels, allowing for immediate
or simultaneous updates or controlled updates using either the
hardware or software LDAC. The appropriate method depends on
whether a single channel or multiple channels are being updated,
whether the data is unique or the same, and the configuration of the
LDAC signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com