Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4430-1YKSZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4430-1YKSZ-R7
Description  Ultralow Power Video Filter with Power-Down
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4430-1YKSZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4430-1YKSZ-R7 Datasheet HTML 4Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 5Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 6Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 7Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 8Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 9Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 10Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 11Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADA4430-1
Rev. C | Page 8 of 20
9
–48
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
1100
10
FREQUENCY (MHz)
0.2V p-p
2.0V p-p
Figure 11. Frequency Response at Various Output Amplitudes
–50
–150
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
1
06
5
4
3
2
FREQUENCY (MHz)
NOISE SPECTRUM (NTSC)
INPUT REFERRED
BANDWIDTH 100kHz TO 5.0MHz
AMPLITUDE (0dB = 714mV p-p)
NOISE LEVEL = –76.8dB rms
Figure 12. Input-Referred Noise Spectral Density
–40
–130
–120
–110
–100
–90
–80
–70
–60
–50
0.01
100
10
1
0.1
FREQUENCY (MHz)
VIN = 1V p-p
VDIS = 0V
OUTPUT REFERRED
Figure 13. Input-to-Output Isolation—Disabled vs. Frequency
65
60
55
50
45
40
35
30
11
10
FREQUENCY (MHz)
00
VS = 3V
VS = 5V
Figure 14. Group Delay at Various Power Supplies
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
–55
–60
–65
0.001
0.01
100
10
1
0.1
FREQUENCY (MHz)
5V
3V
INPUT REFERRED
Figure 15. PSRR vs. Frequency at Various Power Supplies
10
100
1000
10000
0.1
1
10
100
500
VDIS =0V
FREQUENCY (MHz)
Figure 16. Disabled Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com