Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4430-1YKSZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4430-1YKSZ-R7
Description  Ultralow Power Video Filter with Power-Down
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4430-1YKSZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4430-1YKSZ-R7 Datasheet HTML 10Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 11Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 12Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 13Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 14Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 15Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 16Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 17Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADA4430-1
Rev. C | Page 14 of 20
USABLE INPUT VOLTAGE RANGE
The output voltage range of the ADA4430-1 limits its usable
input voltage range. The lower end of the input range is
typically 0 V. The upper end of the usable input voltage
range is calculated as
VIN (max) = (VOM − VOO)/2
where:
VIN (max) is the upper end of the usable input voltage range.
VOM is the maximum output swing.
VOO is the output-referred offset voltage.
SAG CORRECTION FREQUENCY RESPONSE
When using the SAG corrected circuit, the gain from the input
to the immediate output of the ADA4430-1 is ×2.5 (
≈8 dB) at
extremely low frequencies where the outer feedback loop
formed by the 22 μF capacitor effectively opens (see Figure 29)
and exhibits a second-order peak of approximately 11 dB at
about 5 Hz. This gain is approximately 7.5 dB at 30 Hz. The
extra gain must be accounted for when considering low
frequency input and output signal swings to keep them within
their specified limits. The gain from the ADA4430-1 input to
the load side of the 47 μF capacitor does not exhibit this
behavior; rather, it appears more like a single-pole high-
pass response. Figure 32 illustrates the SAG frequency response
immediately at the ADA4430-1 output and at the load side of the
47 μF capacitor.
12
10
8
6
4
2
0
–2
–4
–6
–8
–10
1
10
100
1000
100000
10000
FREQUENCY (Hz)
AT ADA4430-1 OUTPUT
AT LOAD SIDE OF 47µF CAPACITOR
Figure 32. SAG Corrected Frequency Response at ADA4430-1 Output and
at the Load Side of the 47 μF Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com