Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4430-1YKSZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4430-1YKSZ-R7
Description  Ultralow Power Video Filter with Power-Down
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4430-1YKSZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4430-1YKSZ-R7 Datasheet HTML 12Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 13Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 14Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 15Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 16Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 17Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 18Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 19Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADA4430-1
Rev. C | Page 16 of 20
PRINTED CIRCUIT BOARD LAYOUT
As with all high speed applications, attention to printed circuit
board layout is of paramount importance. Standard high speed
layout practices should be adhered to when designing with the
ADA4430-1. A solid ground plane is recommended, and a 0.1 μF
surface-mount, ceramic power supply, decoupling capacitor should
be placed as close as possible to the supply pin.
The GND pin should be connected to the ground plane with a
trace that is as short as possible. Controlled impedance traces of
the shortest length possible should be used to connect to the signal
I/O pins and should not pass over any voids in the ground plane. A
75 Ω impedance level is typically used in video applications. All
signal outputs of the ADA4430-1 should include series termination
resistors when driving transmission lines.
When the ADA4430-1 receives its inputs from a device with
current outputs, the required load resistor value for the output
current is most often different from the characteristic impedance of
the signal traces. In this case, if the interconnections are sufficiently
short (less than 2 inches), the trace does not have to be
terminated in its characteristic impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com