Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8067ARTZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD8067ARTZ
Description  High Gain Bandwidth Product, Precision Fast FET??Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067ARTZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8067ARTZ Datasheet HTML 6Page - Analog Devices AD8067ARTZ Datasheet HTML 7Page - Analog Devices AD8067ARTZ Datasheet HTML 8Page - Analog Devices AD8067ARTZ Datasheet HTML 9Page - Analog Devices AD8067ARTZ Datasheet HTML 10Page - Analog Devices AD8067ARTZ Datasheet HTML 11Page - Analog Devices AD8067ARTZ Datasheet HTML 12Page - Analog Devices AD8067ARTZ Datasheet HTML 13Page - Analog Devices AD8067ARTZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8067
Rev. A | Page 10 of 24
TEMPERATURE – °C
14
VS = ±5V
12
10
8
6
4
2
0
25
35
45
55
65
75
85
VS = ±12V
Figure 22. Input Bias Current vs. Temperature
INPUT OFFSET VOLTAGE – mV
1800
0
200
400
600
800
1000
1200
1400
1600
–1
0
1
N = 12255
SD = 0.203
MEAN = –0.033
Figure 23. Input Offset Voltage Histogram
FREQUENCY – Hz
1000
10
100
1
1
10
100
1k
10k
100k
1M
10M
100M
Figure 24. Voltage Noise
COMMON-MODE VOLTAGE – V
10
–10
–8
–6
–4
–2
0
2
4
6
8
–14 –12 –10 –8
–6
–4
–2
02468
10
12
14
VS = ±5V
VS = +5V
VS = ±12V
Figure 25. Input Bias Current vs. Common-Mode Voltage
COMMON-MODE VOLTAGE – V
5
–5
–4
–6
–2
–1
0
1
2
3
4
–14 –12 –10 –8
–6
–4
–2
02468
10
12
14
VS = ±5V
VS = +5V
VS = ±12V
Figure 26. Input Offset Voltage vs. Common-Mode Voltage
FREQUENCY – MHz
–40
–120
–110
–100
–90
–80
–70
–60
–50
0.1
10
1
100
Figure 27. CMRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com