Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8067ARTZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD8067ARTZ
Description  High Gain Bandwidth Product, Precision Fast FET??Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067ARTZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8067ARTZ Datasheet HTML 10Page - Analog Devices AD8067ARTZ Datasheet HTML 11Page - Analog Devices AD8067ARTZ Datasheet HTML 12Page - Analog Devices AD8067ARTZ Datasheet HTML 13Page - Analog Devices AD8067ARTZ Datasheet HTML 14Page - Analog Devices AD8067ARTZ Datasheet HTML 15Page - Analog Devices AD8067ARTZ Datasheet HTML 16Page - Analog Devices AD8067ARTZ Datasheet HTML 17Page - Analog Devices AD8067ARTZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8067
Rev. A | Page 14 of 24
For inverting voltage gain applications, the source impedance of
the input signal must be considered because it sets the application’s
noise gain as well as the apparent closed-loop gain. The basic
frequency equation for inverting applications is
S
G
F
S
G
R
R
R
R
R
GBP
equency
p –3 dB Fr
Closed-Loo
+
+
+
×
=
)
(
S
G
F
R
R
R
Gain
DC
+
= –
where GBP is the gain bandwidth product of the amplifier, and
RS is the signal source resistance.
S
G
S
G
F
R
R
R
R
R
Gain
Noise
ion
Configurat
Inverting
+
+
+
=
It is important that the noise gain for inverting applications be
kept above 6 for stability reasons. If the signal source driving
the inverter is another amplifier, take care that the driving
amplifier shows low output impedance through the frequency
span of the expected closed-loop bandwidth of the AD8067.
RESISTOR SELECTION FOR WIDEBAND OPERATION
Voltage feedback amplifiers can use a wide range of resistor
values to set their gain. Proper design of the application’s
feedback network requires consideration of the following issues:
•
Poles formed by the amplifier’s input capacitances with the
resistances seen at the amplifier’s input terminals
•
Effects of mismatched source impedances
•
Resistor value impact on the application’s output
voltage noise
•
Amplifier loading effects
The AD8067 has common-mode input capacitances (CM) of
1.5 pF and a differential input capacitance (CD) of 2.5 pF. This is
illustrated in Figure 43. The source impedance driving the
positive input of a noninverting buffer forms a pole primarily
with the amplifier’s common-mode input capacitance as well as
any parasitic capacitance due to the board layout (CPAR). This
limits the obtainable bandwidth. For G = +10 buffers, this
bandwidth limit becomes apparent for source impedances >1 kΩ.
VI
RS
SIGNAL SOURCE
–
+
–
+
VOUT
–
+
CPAR
CPAR
RG
CD
CM
CM
RF
Figure 43. Input and Board Capacitances
There is a pole in the feedback loop response formed by
the source impedance seen by the amplifier’s negative input
(RG ⎢⎢RF) and the sum of the amplifier’s differential input
capacitance, common-mode input capacitance, and any board
parasitic capacitance. This decreases the loop phase margin and
can cause stability problems, that is, unacceptable peaking and
ringing in the response. To avoid this problem, it is recommended
that the resistance at the AD8067’s negative input be kept below
200 Ω for all wideband voltage gain applications.
Matching the impedances at the inputs of the AD8067 is also
recommended for wideband voltage gain applications. This
minimizes nonlinear common-mode capacitive effects that can
significantly degrade settling time and distortion performance.
The AD8067 has a low input voltage noise of 6.6 nV/√Hz.
Source resistances greater than 500 Ω at either input terminal
notably increases the apparent referred-to-input (RTI) voltage
noise of the application.
The amplifier must supply output current to its feedback
network, as well as to the identified load. For instance, the
load resistance presented to the amplifier in Figure 40 is
RLOAD ⎪⎪ (RF + RG). For an RLOAD of 100 Ω, RF of 1 kΩ, and RG of
100 Ω, the amplifier is driving a total load resistance of about
92 Ω. This becomes more of an issue as RF decreases. The
AD8067 is rated to provide 30 mA of low distortion output
current. Heavy output drive requirements also increase the
part’s power dissipation and should be taken into account.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com