Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8067ARTZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD8067ARTZ
Description  High Gain Bandwidth Product, Precision Fast FET??Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067ARTZ Datasheet(HTML) 2 Page - Analog Devices

  AD8067ARTZ Datasheet HTML 1Page - Analog Devices AD8067ARTZ Datasheet HTML 2Page - Analog Devices AD8067ARTZ Datasheet HTML 3Page - Analog Devices AD8067ARTZ Datasheet HTML 4Page - Analog Devices AD8067ARTZ Datasheet HTML 5Page - Analog Devices AD8067ARTZ Datasheet HTML 6Page - Analog Devices AD8067ARTZ Datasheet HTML 7Page - Analog Devices AD8067ARTZ Datasheet HTML 8Page - Analog Devices AD8067ARTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD8067
Rev. A | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Connection Diagram (Top View)................................................... 1
Revision History ............................................................................... 2
Specifications for ±5 V..................................................................... 3
Specifications for +5 V..................................................................... 4
Specifications for ±12 V................................................................... 5
Absolute Maximum Ratings............................................................ 6
Maximum Power Dissipation ..................................................... 6
ESD Caution.................................................................................. 6
Typical Performance Characteristics ............................................. 7
Test Circuits..................................................................................... 12
Theory of Operation ...................................................................... 13
Basic Frequency Response ........................................................ 13
Resistor Selection for Wideband Operation............................... 14
DC Error Calculations............................................................... 15
Input and Output Overload Behavior ..................................... 15
Input Protection ......................................................................... 16
Capacitive Load Drive ............................................................... 16
Layout, Grounding, and Bypassing Considerations .............. 16
Applications..................................................................................... 18
Wideband Photodiode Preamp ................................................ 18
Using the AD8067 at Gains of Less Than 8 ............................ 19
Single-Supply Operation ........................................................... 20
High Gain, High Bandwidth Composite Amplifier .............. 20
Outline Dimensions ....................................................................... 22
Ordering Guide .......................................................................... 22
REVISION HISTORY
5/06—Rev. 0 to Rev. A
Changes to Figure 51...................................................................... 18
Changes to Figure 54...................................................................... 19
Changes to Figure 57...................................................................... 21
Updated Outline Dimensions ....................................................... 22
Changes to Ordering Guide .......................................................... 22
11/02—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com