Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4431-1YCPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4431-1YCPZ-R7
Description  Ultralow Power SD Video Filter with Load Detection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4431-1YCPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4431-1YCPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADA4431-1
Data Sheet
Rev. A | Page 6 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
GND
SUBS
+VS
4
CAP1
12
10
9
+VS
DIS
11
IN
LDO
ADA4431-1
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD. THE EPAD IS ELECTRICALLY ISOLATED.
TO OPTIMIZE THERMAL PERFORMANCE, CONNECT THE EPAD
TO A GND PLANE.
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
+VS
Supply Voltage.
2
IN
Video Input.
3
DIS
Disable Pin. High = charge pump on, floating = charge pump off, low = disabled.
4
LDO
Load Detect Output. High = video load present.
5
CAP4
Capacitor 2, Lead 2.
6
CAP3
Capacitor 2, Lead 1.
7
GND
Ground.
8
CAP2
Capacitor 1, Lead 2.
9
CAP1
Capacitor 1, Lead 1.
10
+VS
Supply Voltage.
11
SUBS
Substrate Voltage Pin. Bypass to GND with 1.0 µF capacitor.
12
GND
Ground.
13
SAG
SAG Feedback Pin.
14
OUT
Video Output.
15
FB2
Load Detect Feedback Pin 2. Connect to device side of series termination resistor.
16
FB1
Load Detect Feedback Pin 1. Connect to load side of series termination resistor.
EPAD
Exposed Pad. The EPAD is electrically isolated. To optimize thermal performance, connect the EPAD to a GND plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com