Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4431-1YCPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4431-1YCPZ-R7
Description  Ultralow Power SD Video Filter with Load Detection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4431-1YCPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4431-1YCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADA4431-1
Data Sheet
Rev. A | Page 8 of 12
1
–1
0
–2
–3
–4
–5
–6
–7
0.1
1
10
FREQUENCY (MHz)
+25°C
0°C
–40°C
+85°C
Figure 11. Flatness Response for Various Temperatures
6
5
4
3
2
1
0
03.0
2.5
2.0
1.5
1.0
0.5
DISABLE (DIS) PIN VOLTAGE (V)
Figure 12. Supply Current vs. Disable (DIS) Pin Voltage
7
6
5
4
3
2
1
0
70
60
50
40
30
20
10
0
–40 –30 –20 –10
0
10
20 30
40
50
60
70
80
90
TEMPERATURE (°C)
ACTIVE
DISABLED
Figure 13. Supply Current vs. Temperature
CH2 200mV
M100ns
A CH1
316mV
2
T
Figure 14. Transient Response
CH1 2.00V
CH2 500mV
M10.0ms
A CH1
1.72V
1
2
T
DISABLE (DIS) PIN
OUTPUT
Figure 15. Output Enable
CH1 2.00V
CH2 500mV
M40.0ns
A CH1
1.72V
1
2
T
DISABLE (DIS) PIN
OUTPUT
Figure 16. Output Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com