Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4431-1YCPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4431-1YCPZ-R7
Description  Ultralow Power SD Video Filter with Load Detection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4431-1YCPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4431-1YCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADA4431-1
Data Sheet
Rev. A | Page 10 of 12
EVALUATION BOARD
The ADA4431-1 evaluation board allows designers to assess
the performance of the part in their particular application. The
board includes input and output SMA coaxial connectors and
75 Ω-controlled impedance signal traces. Power (2.5 V to 3.6 V)
is applied to the red V+ loop connector, and ground is connected
to the black GND loop connector.
The output signal can be configured for dc coupling or ac
coupling. When ac-coupled, two options are available: the
standard single capacitor configuration (minimum of 220 µF)
and the SAG-corrected configuration, using two smaller
capacitors (47 µF and 22 µF).
Jumper Block J2 allows the load detect feature to be evaluated
without connecting an external video load. Connecting a
jumper from the center pin to the 75 position applies a 75 Ω
load to the output and causes the LDO pin to go high.
Connecting the center pin to the GND position short circuits
the output, causing the ADA4431-1 to power down, and the
LDO pin to go low. If an external video load is connected to
the OUT connector, the jumper should be removed. With the
jumper removed, disconnecting the external load also causes
the ADA4431-1 to power down.
Jumper Block J4 exercises the disable pin (DIS). When a jumper
is connected from the center pin to V+, the charge pump is
enabled. Connecting the center pin to GND forces the ADA4431-1
into low power mode. With the jumper removed, the ADA4431-1
is enabled but the charge pump is disabled.
A schematic of the ADA4431-1 evaluation board, with output
coupling options, is shown in Figure 17. Figure 18 and Figure 19
show the front and back layout of the evaluation board.
GND
SUBS
+VS
1
2
3
4
CAP1
+VS
DIS
12
10
9
11
IN
LDO
7
8
6
5
13
14
15
16
ADA4431-1
C1
0.1µF
C2
0.1µF
C7
0.1µF
C3
1.0µF
SUBS
V+
V+
R4
DNI
R3
DNI
LDOUT
LDO
GND
DIS
V+
+
C8
10µF
R2
75Ω
IN
DIS
R1
0Ω
V+
C9
0.1µF
C4
0Ω
C5
0Ω
C6
0Ω
DC-COUPLED
OUTPUT
LD2
R5
75Ω
75Ω
GND
J4
OUT
R6
75Ω
J2
GND
13
14
AC-COUPLED
OUTPUT
C4
0Ω
C5
0Ω
C6
220µF
OUTPUT OPTION 1
13
14
AC-COUPLED OUTPUT
WITH SAG CORRECTION
C4
22µF
C5
47µF
C6
0Ω
OUTPUT OPTION 2
Figure 17. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com