Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4432-1WBRJZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4432-1WBRJZ-R7
Description  SD Video Filter Amplifiers with Output Short-to-Battery Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4432-1WBRJZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4432-1WBRJZ-R7 Datasheet HTML 1Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 2Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 3Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 4Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 5Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 6Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 7Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 8Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ADA4432-1/ADA4433-1
Data Sheet
Rev. E | Page 4 of 25
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LOGIC OUTPUT/INPUT LEVELS
STB VOH
VOUT ≥ 7.2 V (fault condition)
3.3
V
STB VOL
VOUT ≤ 3.1 V (normal operation)
0.02
mV
ENA VIH
Input voltage to enable device
≥2.4
V
ENA VIL
Input voltage to disable device
≤0.6
V
OPERATING TEMPERATURE RANGE
−40
+125
°C
1
Recommended range for optimal performance. Exceeding this range is not recommended.
ADA4433-1 SPECIFICATIONS
TA = 25°C, +VS = 3.3 V, V−IN = 0.5 V, RL = 150 Ω, unless otherwise specified.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
VOUT = 0.2 V p-p
9.9
MHz
−3 dB Large Signal Bandwidth
VOUT = 2 V p-p
8.8
9.9
MHz
ADA4433-1W only: TMIN to TMAX
8.2
MHz
1 dB Flatness
VOUT = 2 V p-p
7.7
8.7
MHz
ADA4433-1W only: TMIN to TMAX
7.2
MHz
0.1 dB Flatness
VOUT = 2 V p-p
3
MHz
Out-of-Band Rejection
f = 27 MHz
41
45
dB
ADA4433-1W only: TMIN to TMAX
39
dB
Differential Gain
Modulated 10-step ramp, sync tip at 0 V
0.5
%
Differential Phase
Modulated 10-step ramp, sync tip at 0 V
1.7
Degrees
Group Delay Variation
f = 100 kHz to 5 MHz
8
ns
Pass Band Gain
5.89
6
6.15
dB
ADA4433-1W only: TMIN to TMAX
5.71
6.28
dB
NOISE/HARMONIC PERFORMANCE
Signal-to-Noise Ratio
100% white signal, f = 100 kHz to 5 MHz
67
dB
INPUT CHARACTERISTICS
Input Common-Mode Voltage Range
0 to 2.1
0 to 2.2
0 to 2.3
V
ADA4433-1W only: TMIN to TMAX
0 to 2.0
0 to 2.5
V
Input Resistance
Differential
800
kΩ
Common mode
400
kΩ
Input Capacitance
Common mode
1.8
pF
Input Bias Current
30
pA
CMRR
V−IN = V+IN = 0.1 V to 1.1 V
−55
dB
OUTPUT CHARACTERISTICS
Output Offset Voltage
V+IN = V−IN = 0 V
1.65
1.9
V
ADA4433-1W only: TMIN to TMAX
1.9
V
Output Voltage Swing
Each single-ended output, RL, dm = 150 Ω
0.54
+VS − 0.55
V
ADA4433-1W only: TMIN to TMAX
0.6
+VS – 0.6
V
Linear Output Current
±29
mA
Short-Circuit Output Current
±60
mA
Output Balance Error
DC to f = 100 kHz, VIN = 0.5 V p-p
−50
dB
SHORT-TO-BATTERY
Protection Range
+VS
18
V
ADA4433-1W only: TMIN to TMAX
+VS
18
V
STB Output Trigger Threshold
Each output back termination = 37.5 Ω
5.0
5.4
5.7
V
ADA4433-1W only: TMIN to TMAX
4.9
6.0
V
Disconnect Time
After the fault is applied
150
ns
Reconnect Time
After the fault is removed
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com