Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4432-1WBRJZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4432-1WBRJZ-R7
Description  SD Video Filter Amplifiers with Output Short-to-Battery Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4432-1WBRJZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4432-1WBRJZ-R7 Datasheet HTML 17Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 18Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 19Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 20Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 21Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 22Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 23Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 24Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
ADA4432-1/ADA4433-1
Data Sheet
Rev. E | Page 22 of 25
FULLY DC-COUPLED TRANSMISSION LINE
The ADA4432-1and ADA4433-1 are designed to be used with
high common-mode rejection, high input impedance receivers
such as the ADA4830-1, ADA4830-2, or other generic receivers.
The very low output impedance of the ADA4432-1 and the
ADA4433-1 allow them to be used in fully dc-coupled transmission
line applications in which there may be a significant discrepancy
between voltage levels at the ground pins of the driver and
receiver. As long as the voltage difference between reference
levels at the transmitter and receiver is within the common-mode
range of the receiver, very little current flow results, and no image
degradation is anticipated.
Figure 54 and Figure 55 show an example configuration of a
completely dc-coupled transmission using the ADA4432-1 and
the ADA4433-1 along with a high input impedance differential
receiver.
Figure 54. ADA4432-1 Video Filter and the ADA4830-1 Difference Amplifier in a DC-Coupled Configuration
Figure 55. ADA4433-1 Video Filter and ADA4830-1 Difference Amplifier in a DC-Coupled Configuration
RT
FROM
IMAGER
OR VIDEO
ENCODER
INN
VOUT
TO VIDEO
DECODER
GND
INP
ADA4830-1
75
Ω
−
+
+
STB
ENA
+VS
4.7µF
0.1µF
+VS
ENABLE
(INPUT)
STB FLAG
(OUTPUT)
2.2µF
0.1µF
4.99k
Ω
+VS
(5.0V)
+VS
(3.3V)
VREF
−
+
75
Ω
TWISTED
PAIR
STB
ENABLE
(INPUT)
ADA4432-1
LFCSP PACKAGE
75Ω
IN
GND
OUT
2.2µF
ENA
+VS
0.1µF
STB
STB FLAG
(OUTPUT)
INN
VOUT
TO
VIDEO
DECODER
GND
INP
ADA4830-1
ADA4433-1
75
Ω
−
+
+
STB
ENA
+VS
4.7µF
0.1µF
+VS
ENABLE
(INPUT)
STB FLAG
(OUTPUT)
2.2µF
0.1µF
4.99k
Ω
+VS
(5.0V)
VREF
−
+
75
Ω
TWISTED
PAIR
RT
+VS
GND
LPF
LPF
+
STB
ENA
+VS
ENABLE
(INPUT)
STB FLAG
(OUTPUT)
2.2µF
0.1µF
0.1µF
+VS
(3.3V)
+IN
–IN
–OUT
+OUT
37.5
Ω
1.33k
Ω
7.5k
Ω
37.5
Ω
FROM
IMAGER
OR VIDEO
ENCODER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com