Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4432-1WBRJZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4432-1WBRJZ-R7
Description  SD Video Filter Amplifiers with Output Short-to-Battery Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4432-1WBRJZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4432-1WBRJZ-R7 Datasheet HTML 12Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 13Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 14Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 15Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 16Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 17Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 18Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 19Page - Analog Devices ADA4432-1WBRJZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
ADA4432-1/ADA4433-1
Data Sheet
Rev. E | Page 16 of 25
ESD PROTECTION
All pins on the ADA4432-1 and ADA4433-1 are protected with
internal ESD protection structures connected to the power supply
pins (+VS and GND). These structures provide protection during
the handling and manufacturing process.
The outputs (OUT for the ADA4432-1 and +OUT and −OUT
for the ADA4433-1) can be exposed to dc voltages well above the
supply voltage in an overvoltage event; therefore, conventional
ESD structure protection cannot be used. Instead, the outputs
are protected by Analog Devices proprietary ESD devices, which
allow protection and recovery from an overvoltage event while
providing ESD protection well beyond the handling and manu-
facturing requirements.
The outputs of the ADA4432-1 and ADA4433-1 are ESD
protected to survive ±8 kV and ±6 kV human body model
(HBM), respectively.
ENABLE/DISABLE MODES (ENA PIN)
The power-down or enable/disable (ENA) pin is internally pulled
up to +VS through a 250 kΩ resistor. When the voltage on this
pin is high, the amplifier is enabled; pulling ENA low disables
the ADA4432-1 and ADA4433-1, reducing the supply current
to a very low 13.5 µA. With no external connection, this pin
floats high, enabling the amplifier.
Table 9. ENA Pin Function
ENA Pin Input
Device State
High (Logic 1)
Enabled
Low (Logic 0)
Disabled
High-Z (Floating)
Enabled
OPERATING SUPPLY VOLTAGE RANGE
The ADA4432-1 and ADA4433-1 are specified over an operating
supply voltage range of 2.6 V to 3.6 V. This range establishes the
nominal utilization voltage at which the devices perform in
conformance with their specifications. The operating supply
voltage refers to sustained voltage levels and not to a momentary
voltage excursion that can occur due to variation in the output of
the supply regulator. When the devices operate at the limits of the
operating supply voltage range (2.6 V to 3.6 V), excursions that are
outside of this range, but less than the absolute maximum, can
lead to some performance degradation; however, they do not
damage the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com