Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM56 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM56
Description  Dual Output Low Power Thermostat
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM56 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM56 Datasheet HTML 1Page - National Semiconductor (TI) LM56 Datasheet HTML 2Page - National Semiconductor (TI) LM56 Datasheet HTML 3Page - National Semiconductor (TI) LM56 Datasheet HTML 4Page - National Semiconductor (TI) LM56 Datasheet HTML 5Page - National Semiconductor (TI) LM56 Datasheet HTML 6Page - National Semiconductor (TI) LM56 Datasheet HTML 7Page - National Semiconductor (TI) LM56 Datasheet HTML 8Page - National Semiconductor (TI) LM56 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Absolute Maximum Ratings (Note 1)
Input Voltage
12V
Input Current at any pin (Note 2)
5 mA
Package Input Current(Note 2)
20 mA
Package Dissipation at T
A = 25˚C
(Note 4)
900 mW
ESD Susceptibility (Note 5)
Human Body Model - Pin 3 Only:
800V
All other pins
1000V
Machine Model
125V
Storage Temperature
−65˚C to + 150˚C
Operating Ratings(Note 1)
Operating Temperature
Range
T
MIN
≤ T
A
≤ T
MAX
LM56BIM, LM56CIM
−40˚C
≤ T
A
≤ +125˚C
Positive Supply Voltage (V
+)
+2.7V to +10V
Maximum V
OUT1 and VOUT2
+10V
Soldering process must comply with National Semiconduc-
tor’s Reflow Temperature Profile specifications. Refer to
www.national.com/packaging.(Note 3)
LM56 Electrical Characteristics
The following specifications apply for V
+ = 2.7 V
DC, and VREF load current = 50 µA unless otherwise specified. Boldface limits
apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C unless otherwise specified.
Typical
LM56BIM
LM56CIM
Units
Symbol
Parameter
Conditions
(Note 6)
Limits
Limits
(Limits)
(Note 7)
(Note 7)
Temperature Sensor
Trip Point Accuracy (Includes
±2
±3
˚C (max)
V
REF, Comparator Offset, and
+25˚C
≤ T
A
≤ +85˚C
±2
±3
˚C (max)
Temperature Sensitivity errors)
−40˚C
≤ T
A
≤ +125˚C
±3
±4
˚C (max)
Trip Point Hysteresis
T
A = −40˚C
4
3
3
˚C (min)
6
6
˚C (max)
T
A = +25˚C
5
3.5
3.5
˚C (min)
6.5
6.5
˚C (max)
T
A = +85˚C
6
4.5
4.5
˚C (min)
7.5
7.5
˚C (max)
T
A = +125˚C
6
4
4
˚C (min)
8
8
˚C (max)
Internal Temperature
+6.20
mV/˚C
Sensitivity
Temperature Sensitivity Error
±2
±3
˚C (max)
±3
±4
˚C (max)
Output Impedance
−1 µA
≤ I
L
≤ +40 µA
1500
1500
Ω (max)
Line Regulation
+3.0V
≤ V+ ≤ +10V,
+25 ˚C
≤ T
A
≤ +85 ˚C
±0.36
±0.36
mV/V (max)
+3.0V
≤ V+ ≤ +10V,
−40 ˚C
≤ T
A <25 ˚C
±0.61
±0.61
mV/V (max)
+2.7V
≤ V+ ≤ +3.3V
±2.3
±2.3
mV (max)
V
T1 and VT2 Analog Inputs
I
BIAS
Analog Input Bias Current
150
300
300
nA (max)
V
IN
Analog Input Voltage Range
V
+ −1
V
GND
V
V
OS
Comparator Offset
2
88
mV (max)
V
REF Output
V
REF
V
REF Nominal
1.250V
V
V
REF Error
±1
±1
% (max)
±12.5
±12.5
mV (max)
∆V
REF/
∆V+ Line Regulation
+3.0V
≤ V+ ≤ +10V
0.13
0.25
0.25
mV/V (max)
+2.7V
≤ V+ ≤ +3.3V
0.15
1.1
1.1
mV (max)
∆V
REF/
∆I
L
Load Regulation Sourcing
+30 µA
≤ I
L
≤ +50 µA
0.15
0.15
mV/µA (max)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com