Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM56 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM56
Description  Dual Output Low Power Thermostat
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM56 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM56 Datasheet HTML 1Page - National Semiconductor (TI) LM56 Datasheet HTML 2Page - National Semiconductor (TI) LM56 Datasheet HTML 3Page - National Semiconductor (TI) LM56 Datasheet HTML 4Page - National Semiconductor (TI) LM56 Datasheet HTML 5Page - National Semiconductor (TI) LM56 Datasheet HTML 6Page - National Semiconductor (TI) LM56 Datasheet HTML 7Page - National Semiconductor (TI) LM56 Datasheet HTML 8Page - National Semiconductor (TI) LM56 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM56
Dual Output Low Power Thermostat
General Description
The LM56 is a precision low power thermostat. Two stable
temperature trip points (V
T1 and VT2) are generated by
dividing down the LM56 1.250V bandgap voltage reference
using 3 external resistors. The LM56 has two digital outputs.
OUT1 goes LOW when the temperature exceeds T1 and
goes
HIGH
when
the
the
temperature
goes
below
(T1–T
HYST). Similarly, OUT2 goes LOW when the tempera-
ture exceeds T2 and goes HIGH when the temperature goes
below (T2–T
HYST). THYST is an internally set 5˚C typical
hysteresis.
The LM56 is available in an 8-lead Mini-SO8 surface mount
package and an 8-lead small outline package.
Applications
n
Microprocessor Thermal Management
n
Appliances
n
Portable Battery Powered 3.0V or 5V Systems
n
Fan Control
n
Industrial Process Control
n
HVAC Systems
n
Remote Temperature Sensing
n
Electronic System Protection
Features
n
Digital outputs support TTL logic levels
n
Internal temperature sensor
n
2 internal comparators with hysteresis
n
Internal voltage reference
n
Available in 8-pin SO and Mini-SO8 plastic packages
Key Specifications
j Power Supply Voltage
2.7V–10V
j Power Supply Current
230 µA (max)
j VREF
1.250V ±1% (max)
j Hysteresis Temperature
5˚C
j Internal Temperature Sensor Output Voltage:
(+6.20 mV/˚C x T) + 395 mV
n
Temperature Trip Point Accuracy:
LM56BIM
LM56CIM
+25˚C
±2˚C (max)
±3˚C (max)
+25˚C to +85˚C
±2˚C (max)
±3˚C (max)
−40˚C to +125˚C
±3˚C (max)
±4˚C (max)
Simplified Block Diagram and Connection Diagram
01289301
01289302
Order
Number
LM56BIM
LM56BIMX
LM56CIM
LM56CIMX
LM56BIMM
LM56BIMMX
LM56CIMM
LM56CIMMX
NS Package
Number
M08A
M08A
M08A
M08A
MUA08A
MUA08A
MUA08A
MUA08A
SOP-8
SOP-8
SOP-8
SOP-8
MSOP-8
MSOP-8
MSOP-8
MSOP-8
Transport
Media
2500 Units
2500 Units
1000 Units
3500 Units
1000 Units
3500 Units
Rail
Tape &
Reel
Rail
Tape &
Reel
Tape & Reel Tape & Reel Tape & Reel Tape & Reel
Package
Marking
LM56BIM
LM56BIM
LM56CIM
LM56CIM
T02B
T02B
T02C
T02C
January 2006
© 2006 National Semiconductor Corporation
DS012893
www.national.com


Similar Part No. - LM56

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM56 NSC-LM56 Datasheet
370Kb / 13P
Dual Output Low Power Thermostat
logo
Texas Instruments
LM56 TI-LM56 Datasheet
1Mb / 21P
LM56 Dual Output Low Power Thermostat
LM56 TI1-LM56 Datasheet
1Mb / 22P
Dual Output Low Power Thermostat
LM56 TI2-LM56 Datasheet
978Kb / 26P
LM56 Dual Output Low Power Thermostat
REVISED FEBRUARY 2013
logo
Seoul Semiconductor
LM560 SEOUL-LM560 Datasheet
468Kb / 12P
WARM WHITE LAMP LED
More results

Similar Description - LM56

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM56 NSC-LM56 Datasheet
370Kb / 13P
Dual Output Low Power Thermostat
LM66 NSC-LM66 Datasheet
62Kb / 5P
Dual Output Internally Preset Thermostat
logo
ELM Electronics
ELM341 ELM-ELM341 Datasheet
28Kb / 4P
LOW POWER THERMOSTAT
logo
Rohm
BDJ0550HFV ROHM-BDJ0550HFV Datasheet
255Kb / 10P
Low current Thermostat Output Temperature Sensor ICs
BDJ0601HFV ROHM-BDJ0601HFV Datasheet
270Kb / 10P
Low current Thermostat Output Temperature Sensor ICs
logo
Texas Instruments
LM56BIMX TI-LM56BIMX Datasheet
1Mb / 21P
LM56 Dual Output Low Power Thermostat
LM56 TI-LM56_15 Datasheet
1Mb / 22P
LM56 Dual Output Low Power Thermostat
LM56 TI1-LM56 Datasheet
1Mb / 22P
Dual Output Low Power Thermostat
logo
Rohm
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
Temperature Sensor IC Low Current Thermostat Output
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
Temperature Sensor IC Low Current Thermostat Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com