Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM56 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM56
Description  Dual Output Low Power Thermostat
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM56 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM56 Datasheet HTML 5Page - National Semiconductor (TI) LM56 Datasheet HTML 6Page - National Semiconductor (TI) LM56 Datasheet HTML 7Page - National Semiconductor (TI) LM56 Datasheet HTML 8Page - National Semiconductor (TI) LM56 Datasheet HTML 9Page - National Semiconductor (TI) LM56 Datasheet HTML 10Page - National Semiconductor (TI) LM56 Datasheet HTML 11Page - National Semiconductor (TI) LM56 Datasheet HTML 12Page - National Semiconductor (TI) LM56 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Application Hints (Continued)
4.0 V
REF AND VTEMP CAPACITIVE LOADING
The LM56 V
REF and VTEMP outputs handle capacitive load-
ing well. Without any special precautions, these outputs can
drive any capacitive load as shown in Figure 4 .
5.0 NOISY ENVIRONMENTS
Over the specified temperature range the LM56 V
TEMPout-
put has a maximum output impedance of 1500
Ω.Inan
extremely noisy environment it may be necessary to add
some filtering to minimize noise pickup. It is recommended
that 0.1 µF be added from V
+ to GND to bypass the power
supply voltage, as shown in Figure 4 . In a noisy environment
it may be necessary to add a capacitor from the V
TEMP
output to ground. A 1 µF output capacitor with the 1500
Ω
output impedance will form a 106 Hz lowpass filter. Since the
thermal time constant of the V
TEMP output is much slower
than the 9.4 ms time constant formed by the RC, the overall
response time of the V
TEMP output will not be significantly
affected. For much larger capacitors this additional time lag
will increase the overall response time of the LM56.
6.0 APPLICATIONS CIRCUITS
The circuit shown in Figure 5 will reduce the effective bias
current error for V
T2 as discussed in Section 3.0 to be
equivalent to the error term of V
T1. For this circuit the effect
of the bias current on the first trip point can be defined by the
following equations:
where I
B = 300 nA (the maximum specified error).
Similarly, bias current affect on V
T2 can be defined by:
01289319
FIGURE 4. Loading of V
REF and VTEMP
01289320
FIGURE 5. Reducing Errors Caused by Bias Current
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com