Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM92 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM92
Description  짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM92 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM92 Datasheet HTML 1Page - National Semiconductor (TI) LM92 Datasheet HTML 2Page - National Semiconductor (TI) LM92 Datasheet HTML 3Page - National Semiconductor (TI) LM92 Datasheet HTML 4Page - National Semiconductor (TI) LM92 Datasheet HTML 5Page - National Semiconductor (TI) LM92 Datasheet HTML 6Page - National Semiconductor (TI) LM92 Datasheet HTML 7Page - National Semiconductor (TI) LM92 Datasheet HTML 8Page - National Semiconductor (TI) LM92 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Digital DC Characteristics
Unless otherwise noted, these specifications apply for +V
S= +2.7V to +5.5V for LM92CIM . Boldface limits apply for TA =TJ
=T
MIN to TMAX; all other limits TA=TJ= +25 ˚C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limit)
V
IN(1)
SDA and SCL Logical “1” Input
Voltage
+V
S x 0.7
V (min)
+V
S+0.3
V (max)
V
IN(0)
SDA and SCL Logical “0” Input
Voltage
−0.3
V (min)
+V
S x 0.3
V (max)
V
IN(HYST)
SDA and SCL Digital Input
Hysteresis
500
250
mV (min)
V
IN(1)
A0 and A1 Logical “1” Input
Voltage
2.0
V (min)
+V
S+0.3
V (max)
V
IN(0)
A0 and A1 Logical “0” Input
Voltage
−0.3
V (min)
0.7
V (max)
I
IN(1)
Logical “1” Input Current
V
IN =+VS
0.005
1.0
µA (max)
I
IN(0)
Logical “0” Input Current
V
IN = 0 V
−0.005
−1.0
µA (max)
C
IN
Capacitance of All Digital Inputs
20
pF
I
OH
High Level Output Current
V
OH =+VS
10
µA (max)
V
OL
Low Level Output Voltage
I
OL =3mA
0.4
V (max)
T_CRIT_A Output Saturation
Voltage
I
OUT = 4.0 mA
(Note 14)
0.8
V (max)
T_CRIT_A Delay
1
Conversions
(max)
t
OF
Output Fall Time
C
L = 400 pF
250
ns (max)
I
O =3mA
Serial Bus Digital Switching Characteristics
Unless otherwise noted, these specifications apply for +V
S= +2.7V to +5.5V for LM92CIM . Boldface limits apply for TA =TJ
=T
MIN to TMAX; all other limits TA=TJ= +25 ˚C, unless otherwise noted. CL (load capacitance) on output lines = 80 pF unless
otherwise specified. Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = +25 ˚C, unless otherwise noted.
The switching characteristics of the LM92 fully meet or exceed the published specifications of the I
2C bus. The following pa-
rameters are the timing relationship between SCL and SDA signal related to the LM92. They are not the I
2C bus specifications.
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limit)
t
1
SCL (Clock) Period
2.5
µs(min)
1
ms(max)
t
2
Data in Set-Up Time to SCL High
100
ns(min)
t
3
Data Out Stable after SCL Low
0
ns(min)
t
4
SDA Low Set-Up Time to SCL Low (Start Condition)
100
ns(min)
t
5
SDA High Hold Time after SCL High (Stop Condition)
100
ns(min)
t
TIMEOUT
SDA and SCL Time Low for Reset of Serial Interface (Note
17)
75
300
ms (min)
ms (max)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com